Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments CC1352P Datasheet HTML 16Page - Texas Instruments CC1352P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
8.9 RF Frequency Bands
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
MIN
TYP
MAX
UNIT
Frequency bands
2360
2500
MHz
8.10 Bluetooth Low Energy - Receive (RX)
Measured on the CC2652xSIP-EM reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled and high power PA connected to VDDS unless otherwise noted.
All measurements are performed at the antenna input with a combined RX and TX path, except for high power PA which is
measured at a dedicated antenna connection. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
125 kbps (LE Coded)
Receiver sensitivity
Differential mode. BER = 10–3
–103
dBm
Receiver saturation
Differential mode. BER = 10–3
>5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and
the internally generated carrier frequency
> (–300 / 300)
kHz
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (37-byte packets)
> (–320 / 240)
ppm
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (255-byte packets)
> (–100 / 100)
ppm
Co-channel rejection(1)
Wanted signal at –79 dBm, modulated interferer in
channel, BER = 10–3
–1.5
dB
Selectivity, ±1 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±1
MHz, BER = 10–3
8 / 4.5(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±2
MHz, BER = 10–3
44 / 37(2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±3
MHz, BER = 10–3
46 / 44(2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±4
MHz, BER = 10–3
44 / 46(2)
dB
Selectivity, ±6 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±6
MHz, BER = 10–3
48 / 44(2)
dB
Selectivity, ±7 MHz
Wanted signal at –79 dBm, modulated interferer at ≥ ±7
MHz, BER = 10–3
51 / 45(2)
dB
Selectivity, Image frequency(1)
Wanted signal at –79 dBm, modulated interferer at image
frequency, BER = 10–3
37
dB
Selectivity, Image frequency ±1
MHz(1)
Note that Image frequency + 1 MHz is the Co- channel
–1 MHz. Wanted signal at –79 dBm, modulated interferer
at ±1 MHz from image frequency, BER = 10–3
4.5 / 44 (2)
dB
500 kbps (LE Coded)
Receiver sensitivity
Differential mode. BER = 10–3
–98
dBm
Receiver saturation
Differential mode. BER = 10–3
> 5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and
the internally generated carrier frequency
> (–300 / 300)
kHz
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (37-byte packets)
> (–350 / 350)
ppm
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (255-byte packets)
> (–150 / 175)
ppm
Co-channel rejection(1)
Wanted signal at –72 dBm, modulated interferer in
channel, BER = 10–3
–3.5
dB
Selectivity, ±1 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±1
MHz, BER = 10–3
8 / 4(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±2
MHz, BER = 10–3
43 / 35(2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±3
MHz, BER = 10–3
46 / 46(2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±4
MHz, BER = 10–3
45 / 47(2)
dB
www.ti.com
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com