Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 3 Page - Texas Instruments

  CC1352P Datasheet HTML 1Page - Texas Instruments CC1352P Datasheet HTML 2Page - Texas Instruments CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
4 Functional Block Diagram
Figure 4-1 shows the functional block diagram of the CC2652PSIP module.
48-MHz
Crystal Oscillator
32.768-kHz
Crystal Oscillator
RF
Switch
RF
(50
,
2.4 GHz)
GND
(1.8 V to 3.8 V) VDDS
User DIO_0-31
RESET_N
JTAG
(1.8 V to 3.8 V) VDDS_PU
CC2652P
DCDC
Passives
+5-dBm
IPC
+10-dBm
IPC
2.4 GHz
ANT
Figure 4-1. CC2652PSIP Block Diagram
www.ti.com
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com