Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Table 7-1. Signal Descriptions – SIP Package (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
NC
15
—
—
No Connect
nRESET
4
I
Digital
Reset, active low. Internal pullup resistor to VDDS_PU
RF
18
—
RF
50 ohm RF port
JTAG_TCKC
35
I
Digital
JTAG_TCKC
JTAG_TMSC
34
I/O
Digital
JTAG_TMSC, high-drive capability
VDDS
46
—
Power
1.8-V to 3.8-V main SIP supply
VDDS_PU
47
—
Power
Power to reset internal pullup resistor
(1)
PORT_ID = 0x00 is not supported. See the SimpleLink™ CC13x2, CC26x2 Wireless MCU Technical Reference Manual for further
details.
7.3 Connections for Unused Pins and Modules
Table 7-2. Connections for Unused Pins – SIP Package
FUNCTION
SIGNAL NAME
PIN NUMBER
ACCEPTABLE PRACTICE(1)
PREFERRED
PRACTICE(1)
GPIO
DIO_n
1-3
7-8
20-33
36-45
48
NC or GND
NC
No Connects
NC
6, 14-15
NC
NC
(1)
NC = No connect
www.ti.com
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com