Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 4Page - STMicroelectronics L6711 Datasheet HTML 5Page - STMicroelectronics L6711 Datasheet HTML 6Page - STMicroelectronics L6711 Datasheet HTML 7Page - STMicroelectronics L6711 Datasheet HTML 8Page - STMicroelectronics L6711 Datasheet HTML 9Page - STMicroelectronics L6711 Datasheet HTML 10Page - STMicroelectronics L6711 Datasheet HTML 11Page - STMicroelectronics L6711 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
L6711
8/38
IFB
Droop Current deviation from
nominal value
OFFSET = TC = SGND
IFB = 0 to 75
µA
-3.5
-
+3.5
µA
Offset Current
ILOAD=0; IOFFSET =100
µA;
TC = SGND
-90
-100
-110
µA
ILOAD=0; IOFFSET =100mA;
TC Enabled
90
100
110
µA
IOFFSET
OFFSET pin Current
Range
0
-
250
µA
VOFFSET
OFFSET pin Voltage
IOFFSET = 0 to 250
µA1.240
V
THERMAL SENSOR
VTC
TC Voltage at
Tamb = 27ºC
RTC=100k
Ω
RTC=50k
Ω
RTC=5k
Ω
0.612
0.593
0.530
0.645
0.625
0.558
0.677
0.656
0.586
V
GATE DRIVERS
tRISE HGATE
High Side
Rise Time
BOOTx-PHASEx=10V;
CHGATEx to PHASEx=3.3nF
15
30
ns
IHGATEx
High Side
Source Current
BOOTx-PHASEx=10V
2
A
RHGATEx
High Side
Sink Resistance
BOOTx-PHASEx=12V;
1.5
2
2.5
Ω
tRISE LGATE
Low Side
Rise Time
VCCDRx=10V;
CLGATEx to PGNDx=5.6nF
30
55
ns
ILGATEx
Low Side
Source Current
VCCDRx=10V
1.8
A
RLGATEx
Low Side
Sink Resistance
VCCDRx=12V
0.7
1.1
1.5
Ω
PROTECTIONS AND SS_END
VSS_ENDL
SS_END Voltage Low
ISS_END = -4mA
0.4
V
ISS_ENDH
SS_END Leakage
VSS_END = 5V
1
µA
UVP
Under Voltage Trip
VSEN Falling
55
60
65
%
OVP
Over Voltage Threshold
VSEN Rising;
OVP = OPEN
112
115
118
%
Over Voltage Threshold
VSEN Rising;
OVP = 90k
Ω• to SGND
1.54
1.64
1.74
V
Preliminary
OVP
Turn-ON Threshold
VCC = VCCDRx Rising
4
V
PreOVP Threshold
FBR Rising
1.8
V
PreOVP Hysteresis
350
mV
Electrical Characteristcs (continued)
(VCC=12V±15%, TJ = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com