Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
L6711
18/38
The information about the total current delivered (IDROOP) is sourced from the FB pin (see Figure 10): con-
necting a resistor between this pin and VSEN (i.e. the output voltage), the total current information flows
only in this resistor because the compensation network between FB and COMP has always a capacitor in
series (CF, see Figure 10). The voltage regulated is then equal to:
Where VID is the reference programmed through VIDx and VID_SEL (Only the IDROOP contribute to IFB
has been considered).
Since IDROOP depends on the current information about the three phases, the output characteristic vs. load
current is given by:
Where RSENSE is the chosen sensing element resistance (Inductor DCR or LS RdsON), IOUT is the output
current of the system and RDROOP is its equivalent output resistance (The whole power supply can be then
represented by a "real" voltage generator with a voltage value of VID and an equivalent series resistance
RDROOP).
RFB resistor can be also designed according to the RDROOP specifications as follow:
8.2
OFFSET
The OFFSET pin allows programming a positive or a negative offset (VOS) for the output voltage.
When the Integrated Thermal Sensor is disabled (TC = SGND) a resistor ROFFSET connected vs. SGND
increases the output voltage: since the pin is internally fixed at 1.240V, the current programmed by the
resistor ROFFSET is mirrored and then properly subtracted from the IFB current (see Figure 11) as follow
(Only the IOFFSET contribute to IFB has been considered):
Figure 11. Voltage Positioning with Offset
The device will add the programmed offset VOS to the output programmed voltage (considering now also
the droop effect) subtracting the relative offset current from the feedback current IFB:
Offset resistor can be designed by considering the following relationship (RFB is fixed by the Droop effect):
V
OUT
VID
R
FB IDROOP
⋅
–
=
V
OUT
VID
R
FB IDROOP
⋅
–
VID
R
FB
R
SENSE
Rg
---------------------- I
OUT
⋅⋅
–
VID
R
DROOP IOUT
⋅
–
==
=
R
FB
R
DROOP
Rg
R
SENSE
----------------------
⋅
=
V
OUT
VID
R
FB IOFFSET
⋅
+
VID
R
FB
1.240V
R
OFFSET
-------------------------
⎝⎠
⎛⎞
⋅
+
VID
V
OS
+
==
=
1.240V
1:1
ROFFSET
OFFSET
TC
IDROOP
VID
FB
COMP
I
FB
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
IOFFSET
V
OUT
VID
R
FB IFB
⋅
–
VID
R
FB
I
DROOP
I
OFFSET
–
() = VID R
FB IOFFSET
R
DROOP IOUT
⋅
–
⋅
+
⋅
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com