Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics L6711 Datasheet HTML 29Page - STMicroelectronics L6711 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
L6711
26/38
since the current ripple increases. In fact, the ON time increases due to the OFF time rise because of the
current has to reach the IOCPx bottom. The worst-case condition is when the ON time reaches its maximum
value.
When this happens, the device works in Constant Current and the output voltage decrease as the load
increase. Crossing the UVP threshold causes the device to latch driving high the OSC pin (Figure 19
shows this working condition).
It can be observed that the peak current (Ipeak) is greater than IOCPx but it can be determined as follow:
Where VoutMIN is the UVP threshold, (inductor saturation must be considered). When that threshold is
crossed, all mosfets are turned off, the FAULT pin is driven high and the device stops working. Cycle the
power supply or the OUTEN pin to restart operation.
The maximum average current during the Constant-Current behavior results:
In this particular situation, the switching frequency for each phase results reduced. The ON time is the
maximum allowed (TonMAX) while the OFF time depends on the application:
ƒ
The transconductance resistor Rg can be designed considering that the device limits the bottom of the
inductor current ripple and also considering the additional current delivered during the quasi-constant-cur-
rent behavior as previously described in the worst case conditions.
Moreover, when designing D-VID compatible systems, the additional current due to the output filter charge
during dynamic VID transitions must be considered.
where
Figure 19. Constant Current operation
13.3 INDUCTOR SENSE (CS_SEL = SGND) OVER CURRENT
The device detects an over current when the IINFOx overcome the fixed threshold IOCTH. Since the device
always senses the current across the inductor, the IOCTH crossing will happen during the HS conduction
time: as a consequence of OCP detection, the device will turn OFF the HS mosfet and turns ON the LS
I
PEAK
I
OCPx
V
IN
Vout
MI N
–
L
--------------------------------------- Ton
MAX
⋅
+
I
OCPx
V
IN
Vou t
MIN
–
L
--------------------------------------- 0.40 T
SW
⋅⋅
+
==
I
MAX,TOT
3I
MAX
⋅
3I
OCPx
Ip eak
I
OCPx
–
2
--------------------------------------
+
⎝⎠
⎛⎞
⋅
==
T
OFF
L
Ipea k
I
OCPx
–
V
out
--------------------------------------
⋅
=
1
T
onMax
T
OFF
+
----------------------------------------
=
Rg
I
OCPx max
() RSENSE max
()
⋅
I
OCTH min
()
-----------------------------------------------------------------------
=
I
OCPx
I
OUT OCP
()
3
----------------------------
I
PP
∆
2
------------
–
I
D-VID
3
---------------
+
=
TonMAX
TonMAX
IOCPx
Ipeak
IMAX
Vout
Iout
3·IOCPx (IDROOP=105
µA)
IMAX,TOT
UVP
Droop effect
a) Maximum current for each phase
b) Output Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com