Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 6Page - STMicroelectronics L6711 Datasheet HTML 7Page - STMicroelectronics L6711 Datasheet HTML 8Page - STMicroelectronics L6711 Datasheet HTML 9Page - STMicroelectronics L6711 Datasheet HTML 10Page - STMicroelectronics L6711 Datasheet HTML 11Page - STMicroelectronics L6711 Datasheet HTML 12Page - STMicroelectronics L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
L6711
10/38
Table 6. Voltage IDentification (VID) Codes.
VID_SEL = SGND (Hammer DAC)
HAMMER DAC
HAMMER DAC +25mV
VID5
VID4
VID3
VID2
VID1
VID0
Output
Voltage
(V)
VID5
VID4
VID3
VID2
VID1
VID0
Output
Voltage
(V)
1
000
00
1.550
0
00
00
0
1.575
000
01
1.525
00
00
1
1.550
000
10
1.500
00
01
0
1.525
000
11
1.475
00
01
1
1.500
001
00
1.450
00
10
0
1.475
001
01
1.425
00
10
1
1.450
001
10
1.400
00
11
0
1.425
001
11
1.375
00
11
1
1.400
010
00
1.350
01
00
0
1.375
010
01
1.325
01
00
1
1.350
010
10
1.300
01
01
0
1.325
010
11
1.275
01
01
1
1.300
011
00
1.250
01
10
0
1.275
011
01
1.225
01
10
1
1.250
011
10
1.200
01
11
0
1.225
011
11
1.175
01
11
1
1.200
100
00
1.150
10
00
0
1.175
100
01
1.125
10
00
1
1.150
100
10
1.100
10
01
0
1.125
100
11
1.075
10
01
1
1.100
101
00
1.050
10
10
0
1.075
101
01
1.025
10
10
1
1.050
101
10
1.000
10
11
0
1.025
101
11
0.975
10
11
1
1.000
110
00
0.950
11
00
0
0.975
110
01
0.925
11
00
1
0.950
110
10
0.900
11
01
0
0.925
110
11
0.875
11
01
1
0.900
111
00
0.850
11
10
0
0.875
111
01
0.825
11
10
1
0.850
111
10
0.800
11
11
0
0.825
111
11
OFF
11
11
1
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com