Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8312
Description  100 MHz-2.7 GHz, 45 dB RF Log Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 4 Page - Analog Devices

  AD8312 Datasheet HTML 1Page - Analog Devices AD8312 Datasheet HTML 2Page - Analog Devices AD8312 Datasheet HTML 3Page - Analog Devices AD8312 Datasheet HTML 4Page - Analog Devices AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AD8312
Preliminary Technical Data
Rev. PrA| Page 4 of 13
Parameter
Conditions
Min
Typ
Max
Unit
f = 2.5 GHz
Input Impedance
365 || 1.1
Ω || pF
± 1 dB Dynamic Range
TA = +25
°C
44
dB
−40
°C < T
A
< +85
°C
36
dB
Maximum Input Level
± 1 dB Error
-4
dBm
Minimum Input Level
± 1 dB Error
-48
dBm
Slope
18.85
mV/dB
Intercept
-51
dBm
Output Voltage - High Power In
PIN = –10 dBm
0.774
V
Output Voltage - Low Power In
PIN = –40 dBm
0.205
V
Temperature Sensitivity
PIN = –10 dBm
25
°C ≤ T
A
≤ +85°C
+0.0053
dB/
°C
–40
°C ≤ T
A
≤ +25°C
-0.0047
dB/
°C
OUTPUT INTERFACE
VOUT (Pin 2)
Minimum Output Voltage
No Signal at RFIN, RL ≥ 10 kΩ
0.02
V
Maximum Output Voltage1
RL ≥ 10 kΩ
2.2
V
General Limit
2.7 V ≤ VS ≤ 5.5 V
VS – 1
V
Available Output Current
Sourcing/Sinking
2/1
mA
Residual RF (at 2f)
f = 0.1 GHz (Worst Condition)
100
µV
Output Noise
RF Input = 2.2 GHz, –10 dBm, fNOISE = 100 kHz,
CFLT open
tbd
uV/
√Hz
Fall Time
Input Level = off to 0 dBm, 90% to 10%
120
ns
Rise Time
Input Level = 0 dBm to off, 10% to 90%
85
ns
VSET INTERFACE
VSET (Pin 3)
Input Resistance
10
kΩ
Bias Current Source
RFIN = −10 dBm; VSET = 1.2V
tbd
µA
POWER INTERFACE
VPOS (Pin 1)
Supply Voltage
2.7
3.0
5.5
V
Quiescent Current
4.2
mA
vs. Temperature
–40
°C ≤ T
A
≤ +85°C
4.3
mA
1 Increased output possible when using an attenuator between VOUT and VSET to raise the slope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com