Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8312
Description  100 MHz-2.7 GHz, 45 dB RF Log Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AD8312
Preliminary Technical Data
Rev. PrA| Page 10 of 13
GENERAL DESCRIPTION
The AD8312 is a logarithmic amplifier (log amp) similar in
design to the AD8313; further details about the structure and
function may be found in the AD8313 data sheet and other log
amps produced by Analog Devices. Figure 21 shows the main
features of the AD8312 in block schematic form.
The AD8312 combines two key functions needed for the
measurement of signal level over a moderately wide dynamic
range. First, it provides the amplification needed to respond to
small signals, in a chain of four amplifier/limiter cells, each
having a small-signal gain of 10 dB and a bandwidth of
approximately 3.5 GHz. At the output of each of these amplifier
stages is a full-wave rectifier, essentially a square-law detector
cell, that converts the RF signal voltages to a fluctuating current
having an average value that increases with signal level. A
further passive detector stage is added ahead of the first stage.
Thus, there are five detectors, each separated by 10 dB,
spanning some 50 dB of dynamic range.
The output of these detector cells is in the form of a differential
current, making their summation a simple matter. It can easily
be shown that such summation closely approximates a
logarithmic function. This result is then converted to a voltage,
at pin VOUT, through a high-gain stage. In measurement
modes, this output is connected back to a voltage-to-current
(V–I) stage, in such a manner that VOUT is a logarithmic
measure of the RF input voltage, with a slope and intercept
controlled by the design. For a fixed termination resistance at
the input of the AD8312, a given voltage corresponds to a
certain power level.
The external termination added ahead of the AD8312
determines the effective power scaling. This will often take the
form of a simple resistor (52.3 Ω will provide a net 50 Ω input)
but more elaborate matching networks may be used. This
impedance determines the logarithmic intercept, the input
power for which the output would cross the baseline (VOUT =
zero) if the function were continuous for all values of input.
Since this is never the case for a practical log amp, the intercept
refers to the value obtained by the minimum-error straight-line
fit to the actual graph of VOUT versus PIN. The quoted values
assume a sinusoidal (CW) signal. Where there is complex
modulation, as in CDMA, the calibration of the power response
needs to be adjusted accordingly. Where a true power
(waveform-independent) response is needed, the use of an rms-
responding detector, such as the AD8361, should be considered.
However, the logarithmic slope, the amount by which the
output VOUT changes for each decibel of input change (voltage
or power) is, in principle, independent of waveform or
termination impedance. In practice, it usually falls off
somewhat at higher frequencies, due to the declining gain of the
amplifier stages and other effects in the detector cells. For the
AD8312, the slope at low frequencies is nominally 21.3 mV/dB,
falling almost linearly with frequency to about 19.2 mV/dB at
2.5 GHz. These values are sensibly independent of temperature
and almost totally unaffected by the supply voltage from 2.7 V
to 5.5 V.
Figure 21. Block Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com