Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8312
Description  100 MHz-2.7 GHz, 45 dB RF Log Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8312 Datasheet HTML 3Page - Analog Devices AD8312 Datasheet HTML 4Page - Analog Devices AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary Technical Data
AD8312
Rev. PrA| Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. VOUT and Log Conformance vs. Input Amplitude at 50 MHz;
−40°C, +25°C, and +85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-65
-55
-45
-35
-25
-15
-5
5
P
IN-dBm
-2.8
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Figure 4. VOUT and Log Conformance vs. Input Amplitude at 100 MHz;
−40°C, +25°C, and +85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-65
-55
-45
-35
-25
-15
-5
5
P
IN-dBm
-2.8
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Figure 5. VOUT and Log Conformance vs. Input Amplitude at 900 MHz;
−40°C, +25°C, and +85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-65
-55
-45
-35
-25
-15
-5
5
P
IN-dBm
-2.8
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Figure 6. VOUT and Log Conformance vs. Input Amplitude at 1.9 GHz;
−40°C, +25°C, and +85°C
Figure 7. VOUT and Log Conformance vs. Input Amplitude at 2.2 GHz;
−40°C, +25°C, and +85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-65
-55
-45
-35
-25
-15
-5
5
P
IN-dBm
-2.8
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Figure 8. VOUT and Log Conformance vs. Input Amplitude at 2.5 GHz;
−40°C, +25°C, and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com