Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8312
Description  100 MHz-2.7 GHz, 45 dB RF Log Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AD8312
Preliminary Technical Data
Rev. PrA| Page 12 of 13
Figure 25. Layout of Component Side (WLCSP)
Figure 26. Layout of Circuit Side (WLCSP))
Figure 27. Silkscreen of Component Side (WLCSP)
Figure 28. Silkscreen of Circuit Side (WLCSP)
Table 4. Evaluation Board Configuration Options
Component
Function
Default Condition
VPOS, GND
Supply and Ground Vector Pins
Not Applicable
C2
Power Supply Decoupling: The nominal supply decoupling consists of a 0.1 µF capacitor
(C1).
C2 = 0.1 µF (Size 0603)
R1
Input Interface: The 52.3 Ω resistor in position R1 combines with the AD8312’s internal
input impedance to give a broadband input impedance of around 50 Ω.
R1 = 52.3 Ω (Size 0603)
R2, R4
Slope Adjust: By installing resistors in R2 and R4, the nominal slope of 20 mV/dB can be
changed. See Slope Adjust discussion for more details.
R2 = Open (Size 0402)
R4 = 0 Ω (Size 0402)
C3
Filter Capacitor. The response time of VOUT can be modified by placing a capacitor
between CFLT (Pin 4) and VOUT.
C3 = Open (Size 0603)
R3, R8, C4
Output Interface: R3, R8, and C4 can be used to check the response of VOUT to capacitive
and resistive loading. R3/R8 can be used to attenuate VOUT.
R3 = 1kΩ (Size 0603)
R8 = C4 = open (Size 0402)
R7
VSET Interface: R7 can be used to reduce capacitive loading from transmission lines.
R7 = 1kΩ (Size 0603)
R5, R6
Alternate Interface: R5 and R6 allow for VOUT and VSET to be accessible from the edge
connector
R5 = R6 = Open (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com