Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8312
Description  100 MHz-2.7 GHz, 45 dB RF Log Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 1 Page - Analog Devices

  AD8312 Datasheet HTML 1Page - Analog Devices AD8312 Datasheet HTML 2Page - Analog Devices AD8312 Datasheet HTML 3Page - Analog Devices AD8312 Datasheet HTML 4Page - Analog Devices AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
100 MHz−2.7 GHz, 45 dB
RF Log Detector
Preliminary Technical Data
AD8312
PrA
10/29/2004
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Complete RF Detector Function
Typical Range : −45 dBm to 0 dBm re 50 Ω
Frequency Response from 100 MHz to 2.7 GHz
Temperature-Stable Linear-in-dB Response
Accurate to 2.7 GHz
Rapid Response: 70 ns to a 10 dB Step
Low Power: 12 mW at 2.7 V
APPLICATIONS
Cellular Handsets (GSM, CDMA, WCDMA)
RSSI and TSSI for Wireless Terminal Devices
Transmitter Power Measurement
PRODUCT DESCRIPTION
The AD8312 is a complete low cost subsystem for the
measurement of RF signals in the frequency range of 100 MHz
to 2.7 GHz, with a typical dynamic range of 45 dB, intended for
use in a wide variety of cellular handsets and other wireless
devices. It provides a wider dynamic range and better accuracy
than possible using discrete diode detectors. In particular, its
temperature stability is excellent over the full operating range of
−40°C to +85°C.
Its high sensitivity allows measurement at low power levels, thus
reducing the amount of power that needs to be coupled to the
detector. It is essentially a voltage-responding device, with a
typical signal range of 1.25 mV to 224 mV rms or −45 dBm to 0
dBm re 50 Ω.
For convenience, the signal is internally ac-coupled, using a 5
pF capacitor to a load of 3 kΩ in shunt with 2 pF. This high-
pass coupling, with a corner at approximately 16 MHz,
determines the lowest operating frequency. Thus, the source
may be dc-grounded.
The AD8312 output, called VOUT, increases from close to
ground to about 1.2 V as the input signal level increases from
1.25 mV to 224 mV. This output is intended for use in
measurement mode. Consult the Applications section of this
data sheet for information on use in this mode. A capacitor may
be connected between the VOUT and CFLT pins when it is
desirable to increase the time interval over which averaging of
the input waveform occurs.
The AD8312 is available in a 6-lead wafer-level chip scale
package, 1.0 mm x 1.5 mm, and consumes 4.5 mA from a 2.7 V
to 5.5 V supply.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - AD8312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD8312 AD-AD8312 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
Rev. B
AD8312-EVAL AD-AD8312-EVAL Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8312-EVALZ AD-AD8312-EVALZ Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
Rev. B
AD8312ACBZ-P2 AD-AD8312ACBZ-P2 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
More results

Similar Description - AD8312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314 Datasheet
274Kb / 16P
100 MHz-2500 MHz 45 dB RF Detector/Controller
REV.0
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com