Electronic Components Datasheet Search
  English  ▼

X  

GS1503 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS1503
Description  HD EMBEDDED AUDIO CODEC
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS1503 Datasheet HTML 9Page - Gennum Corporation GS1503 Datasheet HTML 10Page - Gennum Corporation GS1503 Datasheet HTML 11Page - Gennum Corporation GS1503 Datasheet HTML 12Page - Gennum Corporation GS1503 Datasheet HTML 13Page - Gennum Corporation GS1503 Datasheet HTML 14Page - Gennum Corporation GS1503 Datasheet HTML 15Page - Gennum Corporation GS1503 Datasheet HTML 16Page - Gennum Corporation GS1503 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
15879 - 4
13 of 83
1.3 VIDEO INPUT FORMAT
1.3.1 10-bit Y and Cb/Cr Input Video with TRS and Line Numbers
Fig. 9 Configuration for 10-bit Y and Cb/Cr Input Video with TRS and Line Numbers
Fig. 10 Video Input Format 10-bit with TRS and Line Numbers
Register Settings
NAME
DESCRIPTION
ADDRESS
BIT
SETTING
DEFAULT
VM_SEL
0: External pin select
1: Register select
000
7
1
0
VM[3:0]
Video formal selection (VM[3] is MSB)
3-0
See
Table 2
0
Y[9:0]
C
b
/C
r
[9:0]
VIN[19:10]
VIN[9:0]
DSCBYPASS
EXTF
EXTH
GS1503
+3.3V
Y, C
b/Cr
Video
EAV
SAV
Register Settings
NAME
DESCRIPTION
ADDRESS
BIT
SETTING
DEFAULT
EXT_SEL
0: EXTH/EXTF output select
1: EXTH/EXTF input select
001
3
0
0
8BIT_SEL
0: 10-bit mode select
1: 8-bit mode select
10
0
DSCBYPASS
0: Descrambling enabled
1: Bypass descrambling
01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com