Electronic Components Datasheet Search
  English  ▼

X  

GS1503 Datasheet(PDF) 45 Page - Gennum Corporation

Part # GS1503
Description  HD EMBEDDED AUDIO CODEC
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503 Datasheet(HTML) 45 Page - Gennum Corporation

Back Button GS1503 Datasheet HTML 41Page - Gennum Corporation GS1503 Datasheet HTML 42Page - Gennum Corporation GS1503 Datasheet HTML 43Page - Gennum Corporation GS1503 Datasheet HTML 44Page - Gennum Corporation GS1503 Datasheet HTML 45Page - Gennum Corporation GS1503 Datasheet HTML 46Page - Gennum Corporation GS1503 Datasheet HTML 47Page - Gennum Corporation GS1503 Datasheet HTML 48Page - Gennum Corporation GS1503 Datasheet HTML 49Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
15879 - 4
45 of 83
2.5 VIDEO DATA PROCESSING
2.5.1 Video Signal Input Detection
The GS1503 will set the VIDEO_DET external pin HIGH
when three consecutive TRS are detected in the input video
signal. Also, the VIDEO_DET bit of Host Interface register
000h is set HIGH.
2.5.2 Video Input CRC Error Detection
The GS1503 will set the CRC_ERR external pin HIGH when
a CRC error is detected in the input video signal. Also, the
CRC_ERR bit 5 of Host Interface register 000h is set HIGH.
The number of CRC errors accumulated in one video frame
can be read form CRC_CNT[11:0] in Host Interface
registers 006h and 007h.
2.5.3 Video Output CRC Insertion
When the CRC_INS bit 4 of Host Interface register 000h is
set HIGH, the GS1503 will re-calculate the video line CRC
words. The re-calculated CRC words are inserted in the
video output signal. When CRC_INS is set LOW, the line
CRC words are not updated and existing CRC words at the
input of the device will be output unchanged.
2.5.4 Input Blanking
When VBLK_INS bit 3 of Host Interface register 008h is set
HIGH, the input video vertical blanking will be set to 040h
for the Luma channel and 200h for the Chroma channel.
When HBLK_INS bit 2 of Host Interface register 008h is set
HIGH, the input video horizontal blanking will be set to 040h
for the Luma channel and 200h for the Chroma channel.
The TRS, line number and CRC words will also be set to
blanking values.
The blanking function is performed at the output of the
GS1503 video data stream. If the HBLK_INS bit is set HIGH,
any embedded audio or control packets will be replaced
with blanking codes. The GS1503 will demultiplex data
contained in the packets, prior to the blanking function, and
output at the corresponding pins.
Register Settings
NAME
DESCRIPTION
ADDRESS
BIT
SETTING
DEFAULT
VIDEO_DET
Video input signal detection (1: Detection)
000
6
-
0
Register Settings
NAME
DESCRIPTION
ADDRESS
BIT
SETTING
DEFAULT
CRC_ERR
Video input signal CRC error detection (1: Detection)
000
5
-
0
CRC_CNT[11:0]
Video input signal CRC error accumulation in 1 video
frame
006
007
3-0
7-0
-0
Register Settings
NAME
DESCRIPTION
ADDRESS
BIT
SETTING
DEFAULT
CRC_INS
Video line CRC insertion (1: Insertion)
000
4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com