Electronic Components Datasheet Search
  English  ▼

X  

GS1503 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS1503
Description  HD EMBEDDED AUDIO CODEC
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503 Datasheet(HTML) 3 Page - Gennum Corporation

  GS1503 Datasheet HTML 1Page - Gennum Corporation GS1503 Datasheet HTML 2Page - Gennum Corporation GS1503 Datasheet HTML 3Page - Gennum Corporation GS1503 Datasheet HTML 4Page - Gennum Corporation GS1503 Datasheet HTML 5Page - Gennum Corporation GS1503 Datasheet HTML 6Page - Gennum Corporation GS1503 Datasheet HTML 7Page - Gennum Corporation GS1503 Datasheet HTML 8Page - Gennum Corporation GS1503 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
15879 - 4
3 of 83
Fig. 1 Video Data Input Setup & Hold Time
AC ELECTRICAL CHARACTERISTICS
VDD = 3.3V ± 5%, TA = 0°C to 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Video Clock Frequency
-
74.25
80
MHz
Video Clock Pulse Width Low
tVPWL
5.0
-
-
ns
Video Clock Pulse Width High
tVPWH
5.0
-
-
ns
Video Input Data Setup Time
tVS
3.5
-
-
ns
Video Input Data Hold Time
tVH
1.0
-
-
ns
Video Output Data Delay Time
tVOD
With 10pF loading
-
-
8.5
ns
Video Output Data Hold Time
tVOH
With 10pF loading
1.0
-
-
ns
Audio Clock Frequency
-
6.144
-
MHz
Audio Clock Pulse Width Low
tAPWL
60
-
-
ns
Audio Clock Pulse Width High
tAPWH
60
-
-
ns
Audio Input Data Setup Time
tAS
10.5
-
-
ns
Audio Input Data Hold Time
tAH
1.0
-
-
ns
Audio Output Data Delay Time
tAOD
With 10pF loading
-
-
20.0
ns
Audio Output Data Hold Time
tAOH
With 10pF loading
1.0
-
-
ns
Reset Pulse Width
tRESET
1-
-
ms
Device Latency
Multiplexer Mode
Demultiplexer Mode
53
53
53
53
53
53
PCLKs
VCLK
Data*
* VIN[19:0],
EXTF, EXTH, PKTEN, PKT[7:0]
tVS
tVH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com