Electronic Components Datasheet Search
  English  ▼

X  

GS1503 Datasheet(PDF) 39 Page - Gennum Corporation

Part # GS1503
Description  HD EMBEDDED AUDIO CODEC
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503 Datasheet(HTML) 39 Page - Gennum Corporation

Back Button GS1503 Datasheet HTML 35Page - Gennum Corporation GS1503 Datasheet HTML 36Page - Gennum Corporation GS1503 Datasheet HTML 37Page - Gennum Corporation GS1503 Datasheet HTML 38Page - Gennum Corporation GS1503 Datasheet HTML 39Page - Gennum Corporation GS1503 Datasheet HTML 40Page - Gennum Corporation GS1503 Datasheet HTML 41Page - Gennum Corporation GS1503 Datasheet HTML 42Page - Gennum Corporation GS1503 Datasheet HTML 43Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
15879 - 4
39 of 83
DEL1-2A[25:0]
Ch1/2 delay data. Designates the accumulated
audio processing delay relative to video for audio
channels 1 and 2. Will be multiplexed into the
audio control packet as per SMPTE 299M.
033
034
035
036
1-0
7-0
7-0
7-0
R/W
0
DEL3-4A[25:0]
Ch3/4 delay data. Designates the accumulated
audio processing delay relative to video for audio
channels 3 and 4. Will be multiplexed into the
audio control packet as per SMPTE 299M.
037
038
039
03A
1-0
7-0
7-0
7-0
R/W
0
RSRVA[17:0]
Ch1-4 reserve words. Designates the value set in
the RSRV words of the audio control packet for
audio channels 1 to 4, as per SMPTE 299M.
NOTE: As these words are reserved for future use,
they should be set to zero.
03B
03C
03D
1-0
7-0
7-0
R/W
0
Arbitrary
Data
Packet
ARBITON
Arbitrary data packet multiplex. Valid only when
"ARBITMODE" is HIGH. When set HIGH, arbitrary
data packets will be multiplexed into the Luma
video data stream using the Host Interface
register settings.
050
1
R/W
0
ARBITMODE
Arbitrary packet mode select. When set HIGH,
arbitrary data packets are multiplexed using the
Host Interface register settings. When set LOW,
arbitrary data packets are multiplexed using the
external pin inputs.
0R/W
0
ARBITDID[7:0]
Arbitrary packet Data ID setting. Designates the 8
LSBs of the arbitrary data packet DID word. The 2
MSBs are internally generated. "ARBITDID[7]" is
the MSB and "ARBITDID[0]" is the LSB. Valid only
when "ARBITMODE" is HIGH.
051
7-0
R/W
0
ARBITSDID[7:0]
Arbitrary packet Secondary Data ID setting.
Designates the 8 LSBs of the arbitrary data
packet secondary DID word. The 2 MSBs are
internally generated. "ARBITSDID[7]" is the MSB
and "ARBITSDID[0]" is the LSB. Valid only when
"ARBITMODE" is HIGH.
052
7-0
R/W
0
ARBITDC[7:0]
Arbitrary packet DC setting. Designates the 8
LSBs of the arbitrary data packet Data Count
word. The 2 MSBs are internally generated.
"ARBITDC[7]" is the MSB and "ARBITDC[0]" is the
LSB. Valid only when "ARBITMODE" is HIGH.
053
7-0
R/W
0
ARBITLINEB[11:0]
Field 2 arbitrary packet multiplex line number
setting. Designates the field 2 video line in which
the arbitrary data packets will be multiplexed.
Valid only when "ARBITMODE" is HIGH.
054
055
3-0
7-0
R/W
0
ARBITLINEA[11:0]
Field 1 arbitrary packet multiplex line number
setting. Designates the field 1 video line in which
the arbitrary data packets will be multiplexed.
Valid only when "ARBITMODE" is HIGH.
056
057
3-0
7-0
R/W
0
ARBITUDW0
:
ARBITUDW254
Arbitrary packet User Data Word set. Designates
the 8 LSBs for each of the 255 arbitrary packet
User Data Words. The 2 MSBs are internally
generated. Valid only when "ARBITMODE" is HIGH.
100
:
1FE
7-0
:
7-0
R/W
0
Table 8: Multiplex Mode Host Interface Registers (Continued)
CONTROL
ITEM
NAME
DESCRIPTION
ADDRESS
BIT
R/W
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com