Electronic Components Datasheet Search
  English  ▼

X  

GS1503 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS1503
Description  HD EMBEDDED AUDIO CODEC
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503 Datasheet(HTML) 2 Page - Gennum Corporation

  GS1503 Datasheet HTML 1Page - Gennum Corporation GS1503 Datasheet HTML 2Page - Gennum Corporation GS1503 Datasheet HTML 3Page - Gennum Corporation GS1503 Datasheet HTML 4Page - Gennum Corporation GS1503 Datasheet HTML 5Page - Gennum Corporation GS1503 Datasheet HTML 6Page - Gennum Corporation GS1503 Datasheet HTML 7Page - Gennum Corporation GS1503 Datasheet HTML 8Page - Gennum Corporation GS1503 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
15879 - 4
2 of 83
DEMULTIPLEX MODE BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
-0.3V to 4.0V
Input Voltage (any input)
-0.3 to 5.5V
Operating Temperature
0°C to 70°C
Storage temperature
-65°C to 150°C
Lead Temperature (soldering, 10 sec.)
230°C
DC ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
3.3V operating range
3.0
3.3
3.6
V
Supply Current
IDD
VDD = 3.3V
270
mA
Input Current
IIN
-1
-
1
µA
Hi-Z Output Leakage Current
IOZ
-1
-
1
µA
Output Voltage, Logic High
VOH
IOH = -12mA
VDD-0.4
-
-
V
Output Voltage, Logic Low
VOL
IOL = 12mA
-
-
0.4
V
Input Voltage, Logic High
VIH
TTL Level
2.0
-
-
V
Input Voltage, Logic Low
VIL
TTL Level
-
-
0.8
V
Input Capacitance
CI
f = 1MHz, VDD = 0V
-
-
10
pF
Output Capacitance
CO
f = 1MHz, VDD = 0V
-
-
10
pF
I/O Capacitance
CIO
f = 1MHz, VDD = 0V
-
-
10
pF
VIN[19:0]
20
Video Detection &
Synchronization
20
VOUT[19:0]
Delete
ANCI
ANCI
ANCI Timing
Generation
4
VIDEO_DET
OPERATE
ERROR
CRC_ERR
MUTE
De-scrambler &
Word Alignment
20
CRC Inserter &
Scrambler
20
DSCBYPASS
SCRBYPASS
Host
Interface
CPUADR[8:0]
CPUDAT[7:0]
9
8
3
PKT[7:0]
Arbitrary
Packet
Demux
Audio
Output
Interface
4
8
AOUT1/2
AOUT3/4
AOUT5/6
AOUT7/8
2
WCOUTA/B
PKTEN
Audio
Packet
Demux
Control
Packet
Demux
HOST INTERFACE
HOST INTERFACE
4
VM[3:0]
AM[1:0]
2
CPUCS, CPUWE,
CPURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com