Electronic Components Datasheet Search
  English  ▼

X  

FXLS8974CF Datasheet(PDF) 53 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 49Page - NXP Semiconductors FXLS8974CF Datasheet HTML 50Page - NXP Semiconductors FXLS8974CF Datasheet HTML 51Page - NXP Semiconductors FXLS8974CF Datasheet HTML 52Page - NXP Semiconductors FXLS8974CF Datasheet HTML 53Page - NXP Semiconductors FXLS8974CF Datasheet HTML 54Page - NXP Semiconductors FXLS8974CF Datasheet HTML 55Page - NXP Semiconductors FXLS8974CF Datasheet HTML 56Page - NXP Semiconductors FXLS8974CF Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
WAKE_IDLE[11:8]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 62. WAKE_IDLE_MSB register (address 1Bh) bit allocation
15.18 SLEEP_IDLE_LSB register (address 1Ch)
Flexible Power Mode SLEEP idle time LSB. The contents of this register are only
meaningful when
SENS_CONFIG2[SLEEP_PM[1:0]] = 1xb. This register, along with
SLEEP_IDLE_MSB, sets the unsigned 12-bit SLEEP mode idle-time (off-time). The
counter time period is 312.5 µs/LSB, providing a range of 312.5 µs to 1.28 seconds. The
idle time + measurement time (set by the SLEEP mode decimation factor) forms the
measurement period (ODR–1).
Bit
7
6
5
4
3
2
1
0
Name
SLEEP_IDLE[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 63. SLEEP_IDLE_LSB register (address 1Ch) bit allocation
15.19 SLEEP_IDLE_MSB register (address 1Dh)
Flexible Power Mode SLEEP idle time MSB (nibble). The contents of this register are
useful only when
SENS_CONFIG2[SLEEP_PM[1:0]] = 1xb.
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
SLEEP_IDLE_TIME[11:8]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 64. SLEEP_IDLE_MSB register (address 1Dh) bit allocation
15.20 ASLP_COUNT_LSB, ASLP_COUNT_MSB registers (addresses 1Eh to
1Fh)
The
ASLP_COUNT value sets the minimum number of ODR periods needed to transition
from WAKE to SLEEP mode when no event activity is detected. See Section 15.14 for
events that may be monitored for inactivity in order to trigger the transition to SLEEP
mode when the internal counter reaches the
ASLP_COUNT value.
The sleep counter period corresponds to the selected WAKE mode ODR period when
operating in LPM and HPM, and to the effective ODR set by the WAKE decimation
(measurement time) and WAKE idle time (off-time) settings when the device operates
in FPM. The auto-WAKE/SLEEP feature is only enabled when the value written to
ASLP_CNT is > 0.
SENS_CONFIG2[WAKE_PM] sets the WAKE power mode;
SENS_CONFIG3[WAKE_ODR] sets the ODR. When operating in Flexible Performance
Mode,
SENS_CONFIG3[WAKE_DEC] and WAKE_IDLE[11:0] values set the effective
ODR.
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
53 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com