Electronic Components Datasheet Search
  English  ▼

X  

FXLS8974CF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 6Page - NXP Semiconductors FXLS8974CF Datasheet HTML 7Page - NXP Semiconductors FXLS8974CF Datasheet HTML 8Page - NXP Semiconductors FXLS8974CF Datasheet HTML 9Page - NXP Semiconductors FXLS8974CF Datasheet HTML 10Page - NXP Semiconductors FXLS8974CF Datasheet HTML 11Page - NXP Semiconductors FXLS8974CF Datasheet HTML 12Page - NXP Semiconductors FXLS8974CF Datasheet HTML 13Page - NXP Semiconductors FXLS8974CF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
VDD = 3.0 V , T = 25 °C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage:
SCL/SCLK, SDA/SPI_MOSI/SPI_
DATA, SA0, INTF_SEL, BT_MODE,
SPI_CS_B/WAKE_UP, MOT_DET,
EXT_TRIG pins
—
0.7 * VDD
—
—
V
VIL
Low-level input voltage:
SCL/SCLK, SDA/SPI_MOSI/SPI_
DATA, SA0, INTF_SEL, BT_MODE,
SPI_CS_B/WAKE_UP, MOT_DET,
EXT_TRIG pins
—
—
—
0.3 * VDD
V
VOH
High-level output voltage: INT1/MOT_
DET, INT2/BOOT_OUT, SPI_MISO,
SPI_DATA pins
Io = 500 μA
0.9 * VDD
—
—
V
VOL
Low-level output voltage: INT1/MOT_
DET, INT2/BOOT_OUT, SPI_MISO,
SPI_DATA pins
Io = 500 μA
—
—
0.1 * VDD
V
VOLSDA, SCL
Low-level output voltage on SDA and
SCL pins
Io = 5 mA
—
—
0.4
V
TPULSE-MOT
Motion detected interrupt pulse width
BT_MODE = VDD
4.55
5
5.56
ms
TMOT-HIB
MOT_DET pin low time before
entering Hibernate mode[1]
BT_MODE = VDD
0.91
1
6.8
ms
TPULSE-WIN
Motion detection threshold setting
pulse window
BT_MODE = VDD,
MOT_DET = HIGH
4.55
5
5.56
ms
TPULSE-THRES1 Motion detection threshold selection 1
– Pulse width range
BT_MODE = VDD
562.5
625
883
µs
TPULSE-THRES2 Motion detection threshold selection 2
– Pulse width range
BT_MODE = VDD
1125
1250
1570
µs
TPULSE-THRES3 Motion detection threshold selection 3
– Pulse width range
BT_MODE = VDD
2250
2500
2950
µs
TPULSE-DRDY
DRDY interrupt output pulse width
BT_MODE = GND
29
32
35.6
µs
TPULSE-BOOT1
BT_MODE = GND
58
64
71.2
µs
TPULSE-BOOT2
BOOT interrupt output pulse width
BT_MODE = VDD
9
10
11.2
ms
ODRTOL
Output Data Rate frequency tolerance
—
–10
±2.5
10
%ODR
TFLT-MOT_DET MOT_DET pin deglitch filter time
BT_MODE = VDD
—
10
—
µs
BT_MODE =
GND, SPI_CS_
B / WAKE_UP pin
—
400
—
TFLT-WAKE_UP
MOT_DET, WAKE_UP pin deglitch
filter time (transition out of Hibernate
mode)
BT_MODE = VDD,
MOT_DET pin
—
850
—
ns
TBOOT1
Time needed to enter Standby mode
after POR or soft reset
BT_MODE = GND
—
—
1
ms
TBOOT2
Time needed to enter Motion
Detection mode after POR or soft
reset
BT_MODE = VDD,
MOT_DET = 1
—
—
17.7
ms
Table 8. Electrical characteristics...continued
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
10 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com