Electronic Components Datasheet Search
  English  ▼

X  

FXLS8974CF Datasheet(PDF) 92 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 88Page - NXP Semiconductors FXLS8974CF Datasheet HTML 89Page - NXP Semiconductors FXLS8974CF Datasheet HTML 90Page - NXP Semiconductors FXLS8974CF Datasheet HTML 91Page - NXP Semiconductors FXLS8974CF Datasheet HTML 92Page - NXP Semiconductors FXLS8974CF Datasheet HTML 93Page - NXP Semiconductors FXLS8974CF Datasheet HTML 94Page - NXP Semiconductors FXLS8974CF Datasheet HTML 95Page - NXP Semiconductors FXLS8974CF Datasheet HTML 96Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Tables
Tab. 1.
Ordering information ..........................................2
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin descriptions .................................................4
Tab. 4.
Device absolute maximum ratings .................... 6
Tab. 5.
ESD and latch-up-protection characteristics ......7
Tab. 6.
Nominal operating conditions ............................7
Tab. 7.
Accelerometer sensor performance
parameters ........................................................ 7
Tab. 8.
Electrical characteristics ....................................9
Tab. 9.
Temperature sensor performance
parameters ...................................................... 11
Tab. 10. I2C serial interface pin description .................. 12
Tab. 11. FXLS8974CF I2C read and write
addresses ........................................................12
Tab. 12. I2C secondary timing values for Standard-
mode (Sm), Fast-mode (Fm), and Fast-
mode Plus (Fm+) ............................................ 12
Tab. 13. Secondary timing values ................................. 18
Tab. 14. Secondary timing values ................................. 19
Tab. 15. FXLS8974CF operating modes
descriptions ..................................................... 20
Tab. 16. Operating modes transition criteria ................. 23
Tab. 17. BOOT2 sequence and One-wire motion
protocol phase descriptions ............................ 25
Tab. 18. One-wire motion protocol threshold
selections .........................................................25
Tab. 19. BOOT1 sequence description (BT_MODE
= GND) ............................................................26
Tab. 20. Register address map .....................................26
Tab. 21. INT_STATUS register (address 00h) bit
allocation ......................................................... 30
Tab. 22. INT_STATUS register (address 00h) bit
description ....................................................... 30
Tab. 23. TEMP_OUT register (address 01h) bit
allocation ......................................................... 33
Tab. 24. VECM_LSB register (address 02h) bit
allocation ......................................................... 33
Tab. 25. VECM_LSB register (address 02h) bit
description ....................................................... 33
Tab. 26. VECM_MSB register (address 03h) bit
allocation ......................................................... 34
Tab. 27. VECM_MSB register (address 03h) bit
description ....................................................... 34
Tab. 28. OUT_X_LSB and OUT_X_MSB register
(addresses 04h to 05h) with SEN_
CONFIG2[LE_BE] = 0 bit allocation ................ 35
Tab. 29. OUT_Y_LSB and OUT_Y_MSB register
(addresses 06h to 07h) with SEN_
CONFIG2[LE_BE] = 0 bit allocation ................ 35
Tab. 30. OUT_Z_LSB and OUT_Z_MSB register
(addresses 08h to 09h) with SEN_
CONFIG2[LE_BE] = 0 bit allocation ................ 35
Tab. 31. OUT_X_LSB and OUT_X_MSB register
(addresses 04h to 05h) with SEN_
CONFIG2[LE_BE] = 1 bit allocation ................ 36
Tab. 32. OUT_Y_LSB and OUT_Y_MSB register
(addresses 06h to 07h) with SEN_
CONFIG2[LE_BE] = 1 bit allocation ................ 36
Tab. 33. OUT_Z_LSB and OUT_Z_MSB register
(addresses 08h to 09h) with SEN_
CONFIG2[LE_BE] = 1 bit allocation ................ 36
Tab. 34. BUF_STATUS register (address 0Bh) bit
allocation ......................................................... 37
Tab. 35. BUF_STATUS register (address 0Bh) bit
description ....................................................... 37
Tab. 36. BUF_X_LSB and BUF_X_MSB registers
(addresses 0Ch, 0Dh) with SENS_
CONFIG2[LE_BE] = 0 bit allocation ................ 38
Tab. 37. BUF_Y_LSB and BUF_Y_MSB registers
(addresses 0Eh, 0Fh) with SENS_
CONFIG2[LE_BE] = 0 bit allocation ................ 39
Tab. 38. BUF_Z_LSB and BUF_Z_MSB registers
(addresses 10h, 11h) with SENS_
CONFIG2[LE_BE] = 0 bit allocation ................ 39
Tab. 39. BUF_X_LSB and BUF_X_MSB registers
(addresses 0Ch, 0Dh) with SENS_
CONFIG2[LE_BE] = 1 bit allocation ................ 39
Tab. 40. BUF_Y_LSB and BUF_Y_MSB registers
(addresses 0Eh, 0Fh) with SENS_
CONFIG2[LE_BE] = 1 bit allocation ................ 40
Tab. 41. BUF_Z_LSB and BUF_Z_MSB registers
(addresses 10h, 11h) with SENS_
CONFIG2[LE_BE] = 1 bit allocation ................ 40
Tab. 42. PROD_REV register (address 12h) bit
allocation ......................................................... 40
Tab. 43. PROD_REV register (address 12h) bit
description ....................................................... 40
Tab. 44. WHO_AM_I register (address 13h) bit
allocation ......................................................... 41
Tab. 45. SYS_MODE register (address 14h) bit
allocation ......................................................... 41
Tab. 46. SYS_MODE register (address 14h) bit
description ....................................................... 41
Tab. 47. SENS_CONFIG1 register (address 15h) bit
allocation ......................................................... 42
Tab. 48. SENS_CONFIG1 register (address 15h) bit
description ....................................................... 43
Tab. 49. SENS_CONFIG2 register (address 16h) bit
allocation ......................................................... 44
Tab. 50. SENS_CONFIG2 register (address 16h) bit
description ....................................................... 44
Tab. 51. SENS_CONFIG3 register (address 17h) bit
allocation ......................................................... 46
Tab. 52. WAKE and SLEEP low-power mode ODR
and decimation settings .................................. 46
Tab. 53. WAKE and SLEEP High Performance
mode ODR and decimation settings ................47
Tab. 54. WAKE and SLEEP decimation settings in
Flexible Power mode ...................................... 48
Tab. 55. SENS_CONFIG4 register (address 18h) bit
allocation ......................................................... 48
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
92 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com