Electronic Components Datasheet Search
  English  ▼

X  

FXLS8974CF Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 54Page - NXP Semiconductors FXLS8974CF Datasheet HTML 55Page - NXP Semiconductors FXLS8974CF Datasheet HTML 56Page - NXP Semiconductors FXLS8974CF Datasheet HTML 57Page - NXP Semiconductors FXLS8974CF Datasheet HTML 58Page - NXP Semiconductors FXLS8974CF Datasheet HTML 59Page - NXP Semiconductors FXLS8974CF Datasheet HTML 60Page - NXP Semiconductors FXLS8974CF Datasheet HTML 61Page - NXP Semiconductors FXLS8974CF Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
7
DRDY_INT2
Data-ready interrupt routing
0: If data-ready interrupt routing is enabled, the interrupt signal is routed to INT1 pin.
1: If data-ready interrupt routing is enabled, the interrupt signal is routed to INT2 pin.
6
BUF_INT2
Output buffer interrupt routing (
BUF_OVF | BUF_WMRK | BUF_GATE_ERR):
0: If output buffer interrupt routing is enabled, the interrupt signal is routed to INT1 pin. (default)
1: If output buffer interrupt routing is enabled, the interrupt signal is routed to INT2 pin.
5
SDCD_OT_INT2
SDCD outside of thresholds event interrupt routing
0: If SDCD outside of thresholds event interrupt routing is enabled, the interrupt signal is routed to
INT1 pin.
1: If SDCD outside of thresholds event interrupt routing is enabled, the interrupt signal is routed to
INT2 pin.
4
SDCD_WT_INT2
SDCD within thresholds event interrupt routing
0: If SDCD within thresholds event interrupt routing is enabled, the interrupt signal is routed to INT1
pin.
1: If SDCD within thresholds event interrupt routing is enabled, the interrupt signal is routed to INT2
pin.
3
ORIENT_INT2
ORIENT event interrupt routing
0: If ORIENT event interrupt routing is enabled, the interrupt signal is routed to INT1 pin.
1: If ORIENT event interrupt routing is enabled, the interrupt signal is routed to INT2 pin.
2
ASLP_INT2
Auto-WAKE/SLEEP event interrupt routing
0: If Auto-WAKE/SLEEP event interrupt routing is enabled, the interrupt signal is routed to INT1 pin.
1: If Auto-WAKE/SLEEP event interrupt routing is enabled, the interrupt signal is routed to INT2 pin.
1
BOOT_INT2
BOOT event interrupt routing
If a user operation sets BOOT_INT2 before issuing a soft reset command, the setting is maintained
through the reset sequence (the setting is lost if VDD supply is removed).
0: If BOOT event interrupt routing is enabled, the interrupt signal is routed to INT1 pin.
1: If BOOT event interrupt routing is enabled, the interrupt signal is routed to INT2 pin.
Note: When BT_MODE = VDD, this bit is ignored; the BOOT interrupt is internally mapped to the
INT2/BOOT_OUT pin (fixed setting).
0
WAKE_OUT_INT2
WAKE power state interrupt routing
0: If WAKE power state interrupt routing is enabled, the WAKE power state output is routed to INT1
pin.
1: If WAKE power state interrupt routing is enabled, the WAKE power state output is routed to INT2
pin.
Table 74. INT_PIN_SEL register (address 21h) bit description
15.23 OFF_X, OFF_Y, OFF_Z registers (addresses 22h to 24h)
Registers 22h to 24h (OFF_X/Y/Z) can be used to realign the zero-g position of the X-,
Y-, and Z-axes after PCB assembly. The registers are 8 bit, 2's complement providing an
offset adjustment range of –128 to 127.
Equation 2 determines the effective offset value in mg, set by each of the OFF_X/Y/
Z registers. The equation is an X-axis example, with the other axes offsets set in an
identical manner.
OFF_X
(2)
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
58 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com