Electronic Components Datasheet Search
  English  ▼

X  

2EDFX Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # 2EDFX
Description  EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDFX Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button 2EDFX Datasheet HTML 31Page - Infineon Technologies AG 2EDFX Datasheet HTML 32Page - Infineon Technologies AG 2EDFX Datasheet HTML 33Page - Infineon Technologies AG 2EDFX Datasheet HTML 34Page - Infineon Technologies AG 2EDFX Datasheet HTML 35Page - Infineon Technologies AG 2EDFX Datasheet HTML 36Page - Infineon Technologies AG 2EDFX Datasheet HTML 37Page - Infineon Technologies AG 2EDFX Datasheet HTML 38Page - Infineon Technologies AG 2EDFX Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Final datasheet
34
Rev.2.7
2021-09-10
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Package
Figure 19 PG-DSO-16-11 packaging
7.3
Package PG-DSO-16-30
Figure 20 PG-DSO-16-30 outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com