Electronic Components Datasheet Search
  English  ▼

X  

2EDFX Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 2EDFX
Description  EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDFX Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 2EDFX Datasheet HTML 9Page - Infineon Technologies AG 2EDFX Datasheet HTML 10Page - Infineon Technologies AG 2EDFX Datasheet HTML 11Page - Infineon Technologies AG 2EDFX Datasheet HTML 12Page - Infineon Technologies AG 2EDFX Datasheet HTML 13Page - Infineon Technologies AG 2EDFX Datasheet HTML 14Page - Infineon Technologies AG 2EDFX Datasheet HTML 15Page - Infineon Technologies AG 2EDFX Datasheet HTML 16Page - Infineon Technologies AG 2EDFX Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Final datasheet
12
Rev.2.7
2021-09-10
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Functional description
3.4
Input configurations
The inputs INA and INB control two independent PWM channels. The input signal is transferred non-inverted to
the corresponding gate driver outputs OUTA and OUTB. All inputs are compatible with LV-TTL threshold levels
and provide a hysteresis of typ. 0.8 V. The hysteresis is independent of the supply voltage VDDI.
The PWM inputs are internally pulled down to a logic low voltage level (GNDI). In case the PWM-controller signals
have an undefined state during the power-up sequence, the gate driver outputs are forced to the "off"-state
(low).
If the DISABLE input is “high”, this unconditionally drives both channel outputs to “low” regardless of the state of
INA or INB.
3.5
Driver outputs
The two rail-to-rail output stages, realized with complementary PMOS, NMOS transistors, are able to provide the
necessary sourcing and sinking current and shoot-through protection and active current limitation have been
implemented with a very low on-resistance (see Table 15). The use of a p-channel sourcing transistor PMOS is
crucial for achieving true rail-to-rail behavior without any source follower voltage drop.
Gate Drive Outputs OUTA, OUTB are held actively low in case of floating inputs or during startup or power down
as long as the UVLO thresholds are not exceeded.
Table 5
Logic table
Inputs
Gate Drive Output
DISABLE
INA
INB UVLO
input side1)
1) “inactive” means that VDD is above UVLO threshold voltage (normal operation)
“active” means that UVLO disables the gate driver output stages
UVLO
output side1)
OUTA
OUTB
xx
x
active
x
L
L
xx
x
x
ch A/B active
L
L
L
x
L
inactive
ch A activ, ch B inactive
L
L
L
x
H
inactive
ch A active, ch B inactive
L
H
L
L
x
inactive
ch A inactive, ch B active
L
L
L
H
x
inactive
ch A inactive, ch B active
H
L
Hx
x
inactive
ch A/B inactive
L
L
LL
L
inactive
ch A/B inactive
L
L
LL
H
inactive
ch A/B inactive
L
H
LH
H
inactive
ch A/B inactive
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com