Electronic Components Datasheet Search
  English  ▼

X  

2EDFX Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 2EDFX
Description  EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDFX Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 2EDFX Datasheet HTML 17Page - Infineon Technologies AG 2EDFX Datasheet HTML 18Page - Infineon Technologies AG 2EDFX Datasheet HTML 19Page - Infineon Technologies AG 2EDFX Datasheet HTML 20Page - Infineon Technologies AG 2EDFX Datasheet HTML 21Page - Infineon Technologies AG 2EDFX Datasheet HTML 22Page - Infineon Technologies AG 2EDFX Datasheet HTML 23Page - Infineon Technologies AG 2EDFX Datasheet HTML 24Page - Infineon Technologies AG 2EDFX Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Final datasheet
20
Rev.2.7
2021-09-10
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
4.5
Functional and reinforced isolation specifications
Each individual part number and package variant has its own safety isolation characteristic due to package
dimension and respective isolation test voltages and methods applied. The table heading references each unique
part number.
For reinforced safety, the regulatory tests described in the component and system standards are applied by
Infineon. For functional isolation, the outlined in-house test methods have been applied.
As soon as the regulatory certificates are available, the reference and or documents will become available for
public download on the Infineon website www.infineon.com/2EDi
Note:
Final creepage and clearance of component, must be verified in conjunction with PCB design layout
and manufacturing choice like PCB material (CTI), stubs, graves, lacquer which might increase or
reduce safety distances. Meeting the isolation requirements on system level is therefore the
responsibility of the application owner.
4.5.1
Functional isolation specifications
4.5.1.1
Functional isolation of devices in PG-TFLGA-13-1 package
The PG-TFLGA-13-1 package is available for 2EDF7275K and 2EDF7235K. The isolation related parameters are
shown in Table 18, Table 19 and Table 20; for a component with basic or reinforced safety approval, choose a
different part number (e.g. Chapter 4.5.2: 2EDS8265H, 2EDS9265H and 2EDS8165H)
Table 18
Functional isolation input-to-output (PG-TFLGA-13-1)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Functional isolation test
voltage
VIO
1500
–
–
VDC
Impulse test >10 ms,
production tested
Maximum isolation working
voltage
VIOWM
460
–
–
VRMS according to IEC 60664-1
(PD 2; MG II)
Package clearance
CLR
–
3.4
–
mm Shortest distance over
air, from any input pin to
any output pin
Package creepage
CPG
–
3.4
–
mm Shortest distance over
surface, from any input
pin to any output pin
Common Mode Transient
Immunity
CMTI
150
–
–
V/ns according to DIN V VDE
V0884-11, static and
dynamic test
Capacitance input-to-output
CIO
–2–
pF
1)
1) not subject to production test - specified by design
Resistance input-to-output
RIO
–
>1000
–
MΩ 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com