Electronic Components Datasheet Search
  English  ▼

X  

2EDFX Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # 2EDFX
Description  EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDFX Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button 2EDFX Datasheet HTML 10Page - Infineon Technologies AG 2EDFX Datasheet HTML 11Page - Infineon Technologies AG 2EDFX Datasheet HTML 12Page - Infineon Technologies AG 2EDFX Datasheet HTML 13Page - Infineon Technologies AG 2EDFX Datasheet HTML 14Page - Infineon Technologies AG 2EDFX Datasheet HTML 15Page - Infineon Technologies AG 2EDFX Datasheet HTML 16Page - Infineon Technologies AG 2EDFX Datasheet HTML 17Page - Infineon Technologies AG 2EDFX Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Final datasheet
13
Rev.2.7
2021-09-10
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Functional description
3.6
Undervoltage Lockout
3.6.1
Input-side UVLO
During startup (rise of the input-side supply), as long as VDDI is below UVLO, no data is transferred to the output
side. All gate driver outputs are held low (Safety Lock-down at startup).
When VDDI exceeds the UVLO level, the PWM input signal is transferred to the output side. If the output side is
ready (not in UVLO condition), the output reacts according to the logic input. At any time, if the VDDI voltage
drops below the UVLO threshold, an immediate “switch-to-low” command is sent to all output channels. The
gate driver outputs are held low (Safety Lock-down is active at missing VDDI supply).
3.6.2
Output-side UVLO
The Undervoltage Lockout function (UVLO) ensures that the output can be switched to its high level only if the
gate driver supply voltage exceeds the UVLO threshold voltage. Thus it can be guaranteed, that the power switch
transistors always stay within their Safe Operating Area (SOA). Otherwise a too low driving voltage could cause
the power MOSFET to enter its saturation (ohmic) region with potentially destructive power dissipation.
The UVLO of each channel VDDA/VDDB is controlled independently. There is no feedback to the input side.
3.7
Data transmission input-side to output-side
Coreless Transformer (CT) based communication modules situated on the input die are used for signal transfer
between input and output devices. A proven high-resolution pulse repetition scheme in the transmitter
combined with a watchdog time-out at the receiver side enables recovery from communication fails and ensures
safe system shutdown in failure cases.
3.8
Dead Time Control
Dead Time Control function (DTC) increases the propagation delay of the rising output voltage by a time tDT. This
feature is used in half-bridge applications to prevent the switches from a shoot-through current due to
overlapping or jitter on the PWM signals.
If the DTC feature is available, it can be enabled by connecting a resistor from DTC to GND. If this pin is not
connected or set to VDDI, DTC is disabled.
Recommended DTC resistor (RDTC) values are between 4.7 kΩ and 150 kΩ .
RDTC is related to tDT by the formula: RDTC [kΩ] = (tDT[ns] - 3) / 1.8
The resistor values and dead time delays are shown in Table 17 and Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com