Electronic Components Datasheet Search
  English  ▼

X  

2EDFX Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # 2EDFX
Description  EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDFX Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button 2EDFX Datasheet HTML 33Page - Infineon Technologies AG 2EDFX Datasheet HTML 34Page - Infineon Technologies AG 2EDFX Datasheet HTML 35Page - Infineon Technologies AG 2EDFX Datasheet HTML 36Page - Infineon Technologies AG 2EDFX Datasheet HTML 37Page - Infineon Technologies AG 2EDFX Datasheet HTML 38Page - Infineon Technologies AG 2EDFX Datasheet HTML 39Page - Infineon Technologies AG 2EDFX Datasheet HTML 40Page - Infineon Technologies AG 2EDFX Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Final datasheet
37
Rev.2.7
2021-09-10
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Revision history
Page or Item
Subjects (major changes since previous revision)
Rev 2.7 Datasheet, 2021-09-10
Table 6, Table 8
“Input supply voltage” → “Voltage at pin VDDI” to highlight that the supply
voltage can be higher if the SLDO is activated
Whole document, Table 1,
Table 31
added 2EDS7165H, 2EDF8275F products
Table 1
modified footnote 2
Figure 6
fixed typo
Rev 2.6 Datasheet, 2021-04-23
Page 1, Table 1, Table 25
added reference to issued EN 60601-1 certification
Page 1, Table 1, Table 25
added reference to issued GB4943.1 certification
Page 1, Table 1, Table 25
removed reference to CSA C22.2 No. 62368-1 as it is not anymore planned
Table 17
added UVLO start-up and deactivation time
Rev 2.5 Datasheet, 2020-02-07
Page 1
“certified according to DIN V VDE V0884-10” changed in “DIN V VDE V0884-10
compliant” due to standard expiration on 2019.12.31
Whole document
added references to 2EDF9275F and 2EDS9265H (13 V UVLO options for SiC
MOSFETs driving)
Page 1, Table 1
added reference to EN 61010-1 certification
Page 1
update of term DIN EN 62368-1 and DIN EN 60950-1
Table 1
CQC removed from Table 1 due to presence of footnote 2)
Table 1
added footnote 3) due to expiration of VDE0884-10 certification
Table 1, Table 31
added 2EDF9275F and 2EDS9265H products
Table 1
removed OPN for better readability; OPN shown in Table 31
Table 13
VIN max. value 6.5 V→ 15 V
Table 9
added IVDDA, IVDDBquiescient current for 2EDF9275F and 2EDS9265H
Table 11
added VDDA, VDDB Undervoltage Lockout table for 2EDF9275F and 2EDS9265H
Table 13
added “UVLO threshold vs temperature” for the 13 V UVLO options
(2EDF9275F, 2EDS9265H)
Table 24, Table 25
added tables for overview on safety-related certifications of PG-DSO-16-30
Table 26
“see VDE certificate” footnote removed due to certification expiration
Table 28
fixed typo in the test condition: 5700 kVRMS → 5700 VRMS
Table 31
new OPN and “B” marking: improved secondary-side clamping performance
Rev 2.4 Datasheet, 2019-02-08
Table 6
max. VDDI: 3.7 V → 4.0 V
Rev. 2.3 Datasheet, 2019-01-31
Whole document
removed “certification pending” because certification has been issued (see
Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com