Electronic Components Datasheet Search
  English  ▼

X  

2EDFX Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 2EDFX
Description  EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDFX Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 2EDFX Datasheet HTML 6Page - Infineon Technologies AG 2EDFX Datasheet HTML 7Page - Infineon Technologies AG 2EDFX Datasheet HTML 8Page - Infineon Technologies AG 2EDFX Datasheet HTML 9Page - Infineon Technologies AG 2EDFX Datasheet HTML 10Page - Infineon Technologies AG 2EDFX Datasheet HTML 11Page - Infineon Technologies AG 2EDFX Datasheet HTML 12Page - Infineon Technologies AG 2EDFX Datasheet HTML 13Page - Infineon Technologies AG 2EDFX Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Final datasheet
10
Rev.2.7
2021-09-10
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Pin configurations by device type
For package drawing details see Chapter 7 Package.
Table 3
Pin description for dual-channel input mode (with DISABLE, SLDOP, DTC)
Pin#
LGA
Symbol
Description
2
INA
Digital CMOS / TTL logic signal input for channel A with internal pull-down resistor to GNDI
If channel is not used it is recommended to connect pin to GNDI (see Chapter 3.4)
3
INB
Digital CMOS / TTL logic signal input for channel B with internal pull-down resistor to GNDI
If channel is not used it is recommended to connect pin to GNDI (see Chapter 3.4)
7
VDDI
Supply voltage (input side) 3.3 V (Internal SLDO available)
It is recommended to place a bypass capacitor from VDDI to GNDI (see Chapter 3.3.1)
1
GNDI
Ground input side (all signals on input side are referenced to this pin)
(see Chapter 3.3.1)
5
DISABLE
Digital CMOS / TTL logic input for both channels A and B
Logic input high disables both output channels
Internal pull-down resistor (see Chapter 3.4)
6DTC
Dead time control
Programmable from 15 ns to 350 ns via resistor to GNDI see Chapter 3.8 Dead Time Control
Internal pull-up resistor; no connection or connection to VDDI disables DTC functionality
4
SLDOP
Default mode: supply voltage > 3.5V (with external shunt resistor), if pin N.C. or connected to
VDDI
If SLDOP pin is connected to GNDI SLDO Operation is deactivated, for use with 3.3 V supply on
VDDI(see Chapter 3.3.1)
Internal pull-up resistor to VDDI; hard-wired PCB connection recommended
8
GNDB
Ground for output channel B
9
OUTB
Output gate driver for channel B
10 VDDB
Supply voltage for output channel B
It is recommended to place a bypass capacitor from VDDB to GNDB (see Chapter 3.3.2)
-
N.P.
Not present; for channel-to-channel isolation creepage requirements
11 GNDA
Ground for output channel A
12 OUTA
Output gate driver for channel A
13 VDDA
Supply voltage for output channel A
It is recommended to place a bypass capacitor from VDDA to GNDA (see Chapter 3.3.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com