Electronic Components Datasheet Search
  English  ▼

X  

CP2E Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # CP2E
Description  Programmable Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP2E Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button CP2E Datasheet HTML 18Page - Omron Electronics LLC CP2E Datasheet HTML 19Page - Omron Electronics LLC CP2E Datasheet HTML 20Page - Omron Electronics LLC CP2E Datasheet HTML 21Page - Omron Electronics LLC CP2E Datasheet HTML 22Page - Omron Electronics LLC CP2E Datasheet HTML 23Page - Omron Electronics LLC CP2E Datasheet HTML 24Page - Omron Electronics LLC CP2E Datasheet HTML 25Page - Omron Electronics LLC CP2E Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
CP2E
22
I/O Specifications
Specifications
*1. The bits that can be used depend on the model of CPU Unit.
*2. The response time is the delay caused by hardware. The delay set in the PLC Setup (0 to 32 ms, default: 8 ms) for a normal input must be
added to this value.
Item
Specification
Input type
High-speed counter inputs or
normal inputs
High-speed counter inputs,
interrupt inputs, quick-response
inputs or normal inputs
Normal inputs
Input bits
E/S
@@-type and
N14 CPU Units
CIO 0.00 and CIO 0.01
CIO 0.02 to CIO 0.07
CIO 0.08 to CIO 0.11,
CIO 1.00 to CIO 1.11 and
CIO 2.00 to CIO 2.11
*1
N20 CPU Units
CIO 0.00 and CIO 0.01
CIO 0.02 to CIO 0.09
CIO 0.10 to CIO 0.11
N30/40/60 CPU
Units
CIO 0.00 to CIO 0.03
CIO 0.04 to CIO 0.09
CIO 0.10, CIO 0.11,
CIO 1.00 to CIO 1.11 and
CIO 2.00 to CIO 2.11
*1
Applicable inputs
2-wire and 3-wire sensors
Input voltage
24 VDC, +10% / -15%
Input impedance
3.3 k
Ω
3.3 k
Ω
4.8 k
Ω
Input current
7.5 mA (typical)
7.5 mA (typical)
5 mA (typical)
ON voltage/current
17.0 VDC min. / 3 mA min.
17.0 VDC min. / 3 mA min.
14.4 VDC min. / 3 mA min.
OFF voltage/current
5.0 VDC max. / 1 mA max.
5.0 VDC max. / 1 mA max.
5.0 VDC max. / 1 mA max.
ON response time
*2
2.5
μs min.
50
μs max.
1 ms max.
OFF response time
*2
2.5
μs min.
50
μs max.
1 ms max.
Circuit configuration
Input indicator
IN
IN
COM
Internal
circuits
Isolation
circuits
ON
OFF
ON
OFF
ON
OFF
T1
T2
T3
T4
T1, T2, T3, T4: 2.5
μs min.
90%
50%
10%
90%
50%
10%
90%
50%
10%
2.5
μs
min.
2.5
μs
min.
20.0
μs min.
10.0
μs min.
Up/down input mode
Differential phase mode
Pulse plus direction input mode
Increment mode
E/S
-type: 0.00/0.01
N14/20: 0.00/0.01
N30/40/60: 0.00 to 0.02
E/S
-type: 0.00/0.01
N14/20: 0.00/0.01
N30/40/60: 0.00 to 0.03
ON
OFF
ON
OFF
ON
OFF
T1
T2
T3
T4
T1, T2, T3, T4: 50
μs min.
90%
50%
10%
90%
50%
10%
90%
50%
10%
50
μs
min.
50
μs
min.
200
μs min.
100
μs min.
E/S
-type: 0.02 to 0.07
N14: 0.02 to 0.07
N20: 0.02 to 0.09
N30/40/60: 0.04 to 0.09
E/S
-type: 0.02/0.03
N14/20: 0.02/0.03
Interrupt input mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com