Electronic Components Datasheet Search
  English  ▼

X  

CP2E Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # CP2E
Description  Programmable Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP2E Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button CP2E Datasheet HTML 36Page - Omron Electronics LLC CP2E Datasheet HTML 37Page - Omron Electronics LLC CP2E Datasheet HTML 38Page - Omron Electronics LLC CP2E Datasheet HTML 39Page - Omron Electronics LLC CP2E Datasheet HTML 40Page - Omron Electronics LLC CP2E Datasheet HTML 41Page - Omron Electronics LLC CP2E Datasheet HTML 42Page - Omron Electronics LLC CP2E Datasheet HTML 43Page - Omron Electronics LLC CP2E Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
CP2E
40
Main Specifications
* 1 Accuracy for a K-type sensor at -100°C or less is ±4°C ±1 digit max.
* 2 Accuracy for a K-type sensor at -100°C or less is ±10°C ±1 digit max.
DIP Switch Settings
With the Temperature Sensor Unit’s DIP switch, set the temperature unit and the temperature input range.
Item
CP1W-TS004
Temperature sensors
Thermocouples
Switchable between K and J, but same type must be used for all inputs.
Number of inputs
12
Allocated input words
2
Allocated output words
1
Accuracy
25°C
(The larger of ±0.5% of converted value or ±2°C) ±1 digit max.
*1
0 to 60°C
(The larger of ±1% of converted value or ±4°C) ±1 digit max.
*2
-20 to 0°C
(The larger of ±1.3% of converted value or ±5°C) ±1 digit max.
*2
Conversion time
500 ms for 12 input points
Converted temperature data
16-bit binary data (4-digit hexadecimal)
2-decimal-place mode is not supported
Isolation
Photocouplers between any two input signals
Current consumption
5 VDC: 80 mA max., 24 VDC: 50 mA max.
SW
Setting
1
Input type
ON
J
OFF
K
2
Temperature unit
ON
°F
OFF
°C
Temperature input
Input type
Range (°C)
Range (°F)
K
-200.0 to 1300.0
-300.0 to 2300.0
J
-100.0 to 850.0
-100.0 to 1500.0
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com