Electronic Components Datasheet Search
  English  ▼

X  

CP2E Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # CP2E
Description  Programmable Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP2E Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button CP2E Datasheet HTML 35Page - Omron Electronics LLC CP2E Datasheet HTML 36Page - Omron Electronics LLC CP2E Datasheet HTML 37Page - Omron Electronics LLC CP2E Datasheet HTML 38Page - Omron Electronics LLC CP2E Datasheet HTML 39Page - Omron Electronics LLC CP2E Datasheet HTML 40Page - Omron Electronics LLC CP2E Datasheet HTML 41Page - Omron Electronics LLC CP2E Datasheet HTML 42Page - Omron Electronics LLC CP2E Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
CP2E
39
Main Specifications
*1. Only last two channels can be used as analog input.
*2. Accuracy for a K-type sensor at -100°C or less is ±4°C ±1 digit max.
*3. Accuracy for a K-type sensor at -100°C or less is ±10°C ±1 digit max.
DIP Switch Settings
With the Temperature Sensor Unit’s DIP switch, set the input type (temperature or analog input), the input thermocouple type (K or J) and the
temperature unit (°C or °F).
Item
CP1W-TS003
Temperature sensors
Thermocouples or analog input
*1
Switchable between K and J, but same type must be used for all inputs.
Number of inputs
4
Allocated input words
4
Max. number of Units
3
Accuracy
25°C
Thermocouple inputs
(The larger of ±0.5% of converted value or ±2°C) ±1 digit max.
*2
Analog voltage inputs
0.5% full scale
Analog current inputs
0.6% full scale
0 to 60 °C
Thermocouple inputs
(The larger of ±1% of converted value or ±4°C) ±1 digit max.
*3
Analog voltage inputs
1.0% full scale
Analog current inputs
1.2% full scale
-20 to 0 °C
Thermocouple inputs
(The larger of ±1.3% of converted value or ±5°C) ±1 digit max.
*3
Analog voltage inputs
1.2% full scale
Analog current inputs
1.5% full scale
Input signal range
Thermocouple inputs
K: -200.0 to 1300.0
°C or -300.0 to 2300.0°F
J: -100.0 to 850.0
°C or -100.0 to 1500.0°F
Analog voltage inputs
0 to 10V/1 to 5V
Analog current inputs
4 to 20mA
Resolution
Thermocouple inputs
0.1
°C or 0.1°F
Analog inputs
1/12000 (full scale)
Max. rated input
Analog voltage inputs
±15V
Analog current inputs
±30mA
External input impedance
Analog voltage inputs
1M
Ω min.
Analog current inputs
250
Ω
Open-circuit detection function
Supported
Averaging function
Unsupported
Conversion time
250 ms for 4 input points
Converted temperature data
16-bit binary data (4-digit hexadecimal)
2-decimal-place mode is not supported
Converted AD data
16-bit binary data (4-digit hexadecimal)
Isolation
Photocouplers between any two input signals
Current consumption
5 VDC: 70 mA max., 24 VDC: 30 mA max.
SW
Setting
1
Thermocouple type of temperature sensor
ON
J
OFF
K
2
Temperature unit
ON
°F
OFF
°C
3NC
4
Input type selection for the third input (Input 2)
ON
Analog input
OFF
Thermocouple
5
Input type selection for the fourth input (Input 3)
ON
Analog input
OFF
Thermocouple
6
Analog input signal range
ON
1 to 5V/4 to 20mA
OFF
0 to 10V
Temperature input
Analog input
Input type
Range (°C)
Range (°F)
Input type
Range
K
-200.0 to 1300.0
-300.0 to 2300.0
Voltage
0 to 10V/1 to 5V
J
-100.0 to 850.0
-100.0 to 1500.0
Current
4 to 20mA
SW 1
2
3
4
5
6
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com