Electronic Components Datasheet Search
  English  ▼

X  

CP2E Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # CP2E
Description  Programmable Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP2E Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button CP2E Datasheet HTML 22Page - Omron Electronics LLC CP2E Datasheet HTML 23Page - Omron Electronics LLC CP2E Datasheet HTML 24Page - Omron Electronics LLC CP2E Datasheet HTML 25Page - Omron Electronics LLC CP2E Datasheet HTML 26Page - Omron Electronics LLC CP2E Datasheet HTML 27Page - Omron Electronics LLC CP2E Datasheet HTML 28Page - Omron Electronics LLC CP2E Datasheet HTML 29Page - Omron Electronics LLC CP2E Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
CP2E
26
Built-in Ethernet
General Specifications (Ethernet)
FINS Communications Service Specifications
Switching Hub for CP2E N-type CPU Units
Item
Specifications
Type
100BASE-TX (Auto-MDIX)
10BASE-T (Auto-MDIX)
Number of Ethernet ports
N14/20 CPU Units: 1 port
N30/40/60 CPU Units: 2 ports (Switching Hub function is built in.)
Transfer
Media access method
CSMA/CD
Modulation method
Baseband
Transmission paths
Star form
Baud rate
100 Mbit/s (100Base-TX)
Auto-Negotiation
10 Mbit/s (10Base-T)
Auto-Negotiation
• Half/full auto-negotiation for each port
• Link speed auto-sensing for each port
Transmission media
• Unshielded twisted-pair (UDP) cable
Categories: 5, 5e
• Shielded twisted-pair (STP) cable
Categories: 100
Ω at 5, 5e
• Unshielded twisted-pair (UDP) cable
Categories: 3, 4, 5, 5e
• Shielded twisted-pair (STP) cable
Categories: 100
Ω at 3, 4, 5, 5e
Transmission distance
100 m (distance between hub and node)
Protocols
TCP, UDP, ARP, ICMP (ping only), SNTP, DNS
Item
Specification
Protocol name
FINS/UDP
FINS/TCP
Number of nodes
254
Message Length
1016 bytes max.
Date Length
1004 bytes max.
Number of buffer
16
Protocol used
UDP/IP
TCP/IP
The selection of UDP/IP or TCP/IP is made by means of the FINS/UDP or FINS/TCP button in Built-
in Ethernet Tab in the CX-Programmer's PLC Setup.
Number of connections
---
3 for user, 1 for CX-Programmer auto connection
Port number
9600 (default)
Can be changed.
9600 (default)
Can be changed.
Protection
No
Yes (Specification of client IP
addresses when unit is used as a server)
Local IP address
192.168.250.FINS node address
Ethernet
100Base-TX, 10Base-T
Auto MID/MID-X
Yes
Auto negotiation
Yes
Store-and-forward system
Yes
Buffer
32K bytes
MAC address
1000
Broadcast storm detection
Yes
QoS
No
SNMP
No
VLAN
No
IGMP snooping
No
STP (Spanning Tree Protocol)
No
Port mirroring
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com