Electronic Components Datasheet Search
  English  ▼

X  

CP2E Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CP2E
Description  Programmable Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP2E Datasheet(HTML) 5 Page - Omron Electronics LLC

  CP2E Datasheet HTML 1Page - Omron Electronics LLC CP2E Datasheet HTML 2Page - Omron Electronics LLC CP2E Datasheet HTML 3Page - Omron Electronics LLC CP2E Datasheet HTML 4Page - Omron Electronics LLC CP2E Datasheet HTML 5Page - Omron Electronics LLC CP2E Datasheet HTML 6Page - Omron Electronics LLC CP2E Datasheet HTML 7Page - Omron Electronics LLC CP2E Datasheet HTML 8Page - Omron Electronics LLC CP2E Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
CP2E
5
Ordering Information
Applicable standards
Refer to the OMRON website (www.ia.omron.com) or ask your OMRON representative for the most recent applicable standards for each model.
CPU Unit
CP2E-N-type/Network model
Number of points
Specifications
Model
Power Supply
Inputs
Outputs
Output
type
Program
capacity
Data memory
capacity
Current consumption
5 VDC
24 VDC
CPU Units with
14 points
100 to 240 VAC
8 points
6 points
Relay
10K steps
(FB
capacity:
10K steps)
16K words
0.15 A
0.05 A
CP2E-N14DR-A
Transistor
(sinking)
0.21 A
0.02 A
CP2E-N14DT-A
24 VDC
Relay
0.15 A
0.05 A
CP2E-N14DR-D
Transistor
(sinking)
0.21 A
0.02 A
CP2E-N14DT-D
Transistor
(sourcing)
0.22 A
0.02 A
CP2E-N14DT1-D
CPU Units with
20 points
100 to 240 VAC
12 points
8 points
Relay
0.17 A
0.06 A
CP2E-N20DR-A
Transistor
(sinking)
0.27 A
0.02 A
CP2E-N20DT-A
24 VDC
Relay
0.17 A
0.06 A
CP2E-N20DR-D
Transistor
(sinking)
0.27 A
0.02 A
CP2E-N20DT-D
Transistor
(sourcing)
0.26 A
0.02 A
CP2E-N20DT1-D
CPU Units with
30 points
100 to 240 VAC
18 points
12 points
Relay
0.41 A
0.07 A
CP2E-N30DR-A
Transistor
(sinking)
0.52 A
0.03 A
CP2E-N30DT-A
24 VDC
Relay
0.37 A
0.07 A
CP2E-N30DR-D
Transistor
(sinking)
0.51 A
0.03 A
CP2E-N30DT-D
Transistor
(sourcing)
0.51 A
0.03 A
CP2E-N30DT1-D
CPU Units with
40 points
100 to 240 VAC
24 points
16 points
Relay
0.39 A
0.09 A
CP2E-N40DR-A
Transistor
(sinking)
0.59 A
0.03 A
CP2E-N40DT-A
24 VDC
Relay
0.39 A
0.09 A
CP2E-N40DR-D
Transistor
(sinking)
0.59 A
0.03 A
CP2E-N40DT-D
Transistor
(sourcing)
0.59 A
0.03 A
CP2E-N40DT1-D
CPU Units with
60 points
100 to 240 VAC
36 points
24 points
Relay
0.44 A
0.13 A
CP2E-N60DR-A
Transistor
(sinking)
0.71 A
0.03 A
CP2E-N60DT-A
24 VDC
Relay
0.41 A
0.13 A
CP2E-N60DR-D
Transistor
(sinking)
0.71 A
0.03 A
CP2E-N60DT-D
Transistor
(sourcing)
0.71 A
0.03 A
CP2E-N60DT1-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com