Electronic Components Datasheet Search
  English  ▼

X  

AM7301 Datasheet(PDF) 8 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7301
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7301 Datasheet(HTML) 8 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7301 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AM7301
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..6
6
Specifications subject to change without notice
- 8 -
Power dissipation curve:
Power dissipation by ambient temperature de-rating curve
Notes:
*114.3mm X 76.1mm X 1.6mm single layer board(JEDEC 51-3).
De-rating is done at 12.11mW/℃ for operating above Ta=25℃
ΘJa=82.5 ℃/W, ΘJc= 39.5 ℃/W, Tj = 170℃, Pd max 1757mW
**114.3mm X 76.1mm X 1.6mm dual layer board(JEDEC 51-7).
De-rating is done at 26.44mW/℃ for operating above Ta=25℃
ΘJa=37.8 ℃/W, ΘJc= 23 ℃/W, Tj = 170℃, Pd max 3835mW
Calculated formulation Pd = (Tj-Ta) /θJa
Symbol θJa is called thermal resistance
Thermal resistance:
θJa depends on the power consumption, package ambient temperature, packaging condition, wind
velocity, chip size etc.
The curve of thermal de-rating can determine the reference value at the ambient temperature base
on the specified condition.
Condition:
Mounted on FR4 glass epoxy board, dimension is 114.3mm×76.1mm×1.6mm(JEDEC 51-3,7),
copper foil area :< 3%, the core thickness: 1.0 mm, trace thickness: 0.07 mm (2 oz),plane thickness:
0.035 mm (1 oz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com