Electronic Components Datasheet Search
  English  ▼

X  

AM7301 Datasheet(PDF) 11 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7301
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7301 Datasheet(HTML) 11 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7301 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AM7301
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..6
6
Specifications subject to change without notice
- 11 -
Condition of Soldering
1).Manual Soldering
Time / Temperature < 3 sec / 400 + 10 oC (2 Times)
Test Results:0 fail/ 22 tested
Manual Soldering count:2 Times
2).Re-flow Soldering (follow IPC/JEDEC J-STD-020D)
Classification Reflow Profile
Profile Feature
Pb-Free Assembly
Average ramp-up rate (TL to TP)
3
oC/second max.
Preheat
- Temperature Min (Ts min)
- Temperature Max (Ts max)
- Time (ts) from (Tsmin to Tsmax)
150
oC
200
oC
60-120 seconds
Ts max to TL
- Temperature Min (Ts min)
3
oC/second max.
Time maintained above:
- Liquid us temperature (TL)
- Time (tL) maintained above TL
217
oC
60-150 seconds
Peak package body temperature (Tp)
260 +0/-5
oC
Time with 5
oC of actual Peak
- Temperature (tp)
30 seconds
Ramp-down Rate
6
oC/second max.
Time 25
oC to Peak Temperature
8 minutes max.
Test Results:0 fail/ 32 tested
Reflow count:3 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com