Electronic Components Datasheet Search
  English  ▼

X  

AM7301 Datasheet(PDF) 1 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7301
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7301 Datasheet(HTML) 1 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7301 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AM7301
Motor Driver ICs
http://www.amtek-semi.com
May.. 2
20
01
11
1 V
V1
1..5
5
Specifications subject to change without notice
- 1 -
Single Phase Full-Wave Motor Driver for
Fan Motor AM7301
High efficiency, Rotation speed adjustable application for AM7301 optimum for driving 12V
fan for general consumer equipment. This IC employs soft switching drive, turbo start,
Bi-CMOS process and realizes silent drive, low ON resistor, and low power consumption.
This also incorporate lock protection and auto restart circuit
Applications
12V Fan optimum solution for variable rotation speed setting by external resistor. Such as LED,
general consumer equipment…etc.
Features
1) High efficiency, Rotation speed adjustable by
external resistor.
2) Power Tr incorporated.
3) Soft switched drive.
4) Lock detection signal (RD) output.
5) Rotating speed pulse signal (FG) output
6) Incorporating lock protection and automatic
restart circuit
7) Hall Bias built
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
18
V
Output current
Iomax
1000**
mA
FG single output current
IFG(SINK)
10
mA
FG single output voltage
VFG
18
V
HB output current
IHB(SINK)
10
mA
Power dissipation (1Layer PCB)
Pd
*1.75
W
Power dissipation (2Layer PCB)
Pd
*3.83
W
Operate temperature range
Topr
-25~+105
℃
Storage temperature range
Tstg
-55~+150
℃
Junction temperature
Tj
170
℃
*When mounted on a 114.3mm×76.1mm×1.6mm JEDEC standard test board.
**Should not exceed Pd or ASO and Tj values
Recommended operating conditions
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Min
Typ
Max
Unit
Operating supply voltage range
Vcc
3.0~15
V
Hall input voltage range
V
H
0.2~2.1
V


Similar Part No. - AM7301

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7300N ANALOGPOWER-AM7300N Datasheet
335Kb / 5P
N-Channel 300-V (D-S) MOSFET
logo
AMtek SEMICONDUCTORS CO...
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
logo
Analog Power
AM7302N ANALOGPOWER-AM7302N Datasheet
335Kb / 5P
N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
AM7303X ETC1-AM7303X Datasheet
442Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
More results

Similar Description - AM7301

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Rohm
BA6908F ROHM-BA6908F_2 Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9203 ANPEC-APX9203 Datasheet
317Kb / 28P
Single-Phase Full-Wave Motor Driver for Fan Motor
APX9766 ANPEC-APX9766 Datasheet
189Kb / 12P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com