Electronic Components Datasheet Search
  English  ▼

X  

AM7301 Datasheet(PDF) 4 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7301
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7301 Datasheet(HTML) 4 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7301 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AM7301
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..6
6
Specifications subject to change without notice
- 4 -
Application circuit
Fig.2 Application circuit
*1. Reverse connection of power supply may break the device. A countermeasure is needed such
as using reverse current protection diode (D1) between power supply and VCC terminal.
The BEMF causes re-circulate current to power supply, when power-on or output changes. It
may cause VCC terminal to raise voltage, especially using reverse current protection diode (D1)
because there is no way to return current back to power supply. In such case, please take
necessary measures like below.
Connect a Zener diode (ZD1) between VCC and GND terminal not to exceed the absolute
maximum rating voltage.
Connect a capacitor (C1) between VCC and GND terminal to make a path of return current to
power supply.
*2. Cs1 is for turbo-start function. When power on, the VRS voltage will be arise from 0V, and will
be charged by HB, Rs1 and Rs2 resistor. The time constant is defined by Rs1, Rs2 and Cs1.
*3. Both of Rs1 and Rs2 are for Rotation Speed setting. Floating of VRS pin is unacceptable.
When adds Rs1 connect to HB pin, that will reduce turn-on duty on output transistor; reducing
rotation speed.
When adds Rs2 connect to GND, that will increase turn-on duty on output transistor; increasing
rotation speed.
*4. Hall element may be affected by Vcc noise or depending on the wiring pattern of PCB
board. In this case, adds C3 can be reducing the noise of hall signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com