Electronic Components Datasheet Search
  English  ▼

X  

AM7301 Datasheet(PDF) 10 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7301
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7301 Datasheet(HTML) 10 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7301 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AM7301
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..6
6
Specifications subject to change without notice
- 10 -
Packaging outline --- DFN 4X3 12L
Unit : mm
SYMBOL
MILLIMETERS
INCHES
Min.
Max.
Min.
Max.
A
---
0.90
---
0.035
A1
0.00
0.05
0.000
0.002
A2
---
0.70
---
0.027
A3
0.20 REF
0.008 REF
b
0.20
0.008
D
2.90
3.10
0.114
0.122
D2
1.70
1.90
0.067
0.075
E
3.90
4.10
0.154
0.161
E2
3.50
3.70
0.090
0.098
e
0.50 BSC
0.016 BSC
L
0.40
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com