Electronic Components Datasheet Search
  English  ▼

X  

AM7301 Datasheet(PDF) 5 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7301
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7301 Datasheet(HTML) 5 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7301 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AM7301
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..6
6
Specifications subject to change without notice
- 5 -
CPWM Control
Fig.3 CPWM control principle
Assume Rs1 and Rs2 ratio equal to 0.37Vref.
1. Turbo start mode:
Turbo start function can be apply, when adds Cs1 capacitor on VRS PIN. The time
constant is defined by Cs1, Rs1 and Rs2. When power on, The VRS voltage will be
rising from 0V to setting voltage by dividing Rs1 and Rs2 ratio.
In Turbo start area, the motor will full speed rotation at the beginning. After VRS
voltage arising to 0.1Vref, the motor will reduce the rotation speed. That is due to
chopping CPWM by VRS voltage. Finally the motor will into normal operation area.
2. Normal operation mode:
The VRS voltage will be setting by Rs1 and Rs2. Adjust the Rs1 and Rs2 ratio that
can control the rotation speed of Fan module by chopping the CPWM signal. When
VRS voltage rising to 0.37Vref (our assumption). The Motor will be fixed rotation
speed in normal operation mode.
3. LOCK operation mode:
When motor into lock mode operation, the VRS voltage will be reset to 0V by internal
circuit. And the VRS voltage will be recharged by Rs1, Rs2 and Cs1, when lock
function is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com