Electronic Components Datasheet Search
  English  ▼

X  

TLD4012 Datasheet(PDF) 5 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 5 Page - Tripath Technology Inc.

  TLD4012 Datasheet HTML 1Page - Tripath Technology Inc. TLD4012 Datasheet HTML 2Page - Tripath Technology Inc. TLD4012 Datasheet HTML 3Page - Tripath Technology Inc. TLD4012 Datasheet HTML 4Page - Tripath Technology Inc. TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
5
TLD4012 – JB/Rev. 2.0a/05.02
PERFORMANCE CHARACTERISTICS
Unless otherwise specified, TA = 25°C, VDD5 = +5V, VSS5 = -5V, VDD15 = +15V, VSS15 = -15V. Also,
see Test/Application Circuit. Minimum and maximum limits are guaranteed but may not be 100% tested.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
BWSS
Small-signal Bandwidth, -3 dB Gain = 20.8dB, VOUT = 1VPPDIFF
10
MHz
SFDR
Spurious Free Dynamic Range
in the receive band with
respect to –40dBm ADSL
transmit signal
Gain = 20.8 dB, RLINE = 100Ω,
PLINE = 20.4 dBm,
f = 26 kHz to 138 kHz
-80
dB
IMD
Intermodulation Distortion
Gain = 22.8dB
10VPPDIFF each tone
f = 1.025MHz,
∆f = 50kHz
@ 50 kHz
@ 100 kHz
SFDR >1MHz
-84
-84
-75
dBc
HD2
2
nd Harmonic Distortion
Gain = 17.8 to 27.8dB
RLOAD = 71Ω
VOUT = 10VPPDIFF
f = 100 kHz
f = 500 kHz
f = 1 MHz
-90
-77
-70
dBc
HD3
3
rd Harmonic Distortion
Gain = 17.8 to 27.8dB
RLOAD = 71Ω
VOUT = 10VPPDIFF
f = 100 kHz
f = 500 kHz
f = 1 MHz
-83
-82
-63
dBc
HD5
5
th Harmonic Distortion
Gain = 17.8 to 27.8dB
RLOAD = 71Ω
VOUT = 10VPPDIFF
f = 100 kHz
f = 500 kHz
f = 1 MHz
-93
-67
-55
dBc
SR
Slew Rate
VOUT from –10V to +10V, measured from
–7.5V to +7.5V, Gain = 20.8 dB
200
V/µs
eN
Input Noise Voltage
Gain = 20.8dB, f = 10 KHz
8
nV/
√Hz
iN
Input Noise Current
Gain = 20.8dB, f = 10 kHz
2.9
pA/
√Hz
eNOTOT
Overall Output Noise Voltage
Gain = 20.8dB, f = 30kHz to 1.1MHz,
RIN = 5kΩ
188
nV/
√Hz
CMRR
Common Mode Rejection
Ratio
Gain = 27.8 dB
VIN = 100 mVPP
EN_AC = High
@ 100 kHz
@ 500 kHz
@ 1 MHz
65
83
70
65
dB
PSRRVDD5
Power Supply Rejection Ratio,
VDD5
Gain = 22.8 dB
VSUPPLYAC = 100 mVPP
@ 100 kHz
@ 500 kHz
@ 1 MHz
70
60
50
dB
PSRRVSS5
Power Supply Rejection Ratio,
VSS5
Gain = 22.8 dB
VSUPPLYAC = 100 mVPP
@ 100 kHz
@ 500 kHz
@ 1 MHz
60
52
45
dB
PSRRVDD15 Power Supply Rejection Ratio,
VDD15
Gain = 22.8 dB
VSUPPYAC = 100 mVPP
@ 100 kHz
@ 500 kHz
@ 1 MHz
82
76
67
dB
PSRRVSS15 Power Supply Rejection Ratio,
VSS15
Gain = 22.8 dB
VSUPPLYAC = 100 mVPP
@ 100 kHz
@ 500 kHz
@ 1 MHz
75
59
51
dB
∆Gain
Gain accuracy
Output=TBDVPPDIFF, 500kHz
-0.4
0.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com