Electronic Components Datasheet Search
  English  ▼

X  

TLD4012 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TLD4012 Datasheet HTML 1Page - Tripath Technology Inc. TLD4012 Datasheet HTML 2Page - Tripath Technology Inc. TLD4012 Datasheet HTML 3Page - Tripath Technology Inc. TLD4012 Datasheet HTML 4Page - Tripath Technology Inc. TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
2
TLD4012 – JB/Rev. 2.0a/05.02
OVERVIEW
TLD4012 is a low-power, low-distortion ADSL line driver. This driver offers power consumption ranging
from 600mW to 650mW, and provides active, or synthetic, output impedance matching to reduce power
consumption. This driver supports an impedance synthesis factor of 2.55 (refer to Figure 1 in the
“Test/Applications Circuits” section of this document). The table below summarizes the total power
consumption of this device for FDM and overlapped transmissions. Power consumption is reduced by
using +/-14V supplies for VDD15/VSS15.
High supplies
VDD15/VSS15
Power consumption FDM
(non-overlapped)
(19.8dBm)
Power consumption
overlapped
(20.4dBm)
+/- 14.0 V
650 mW
710 mW
+/- 15.0 V
675 mW
740 mW
Power consumption values given above, and in the following specifications, are for total power consumed
from the supplies. This includes power dissipated in the device and power delivered to the load, where the
load includes both the line and the matching resistors. Power dissipation in the driver can be determined
by subtracting power delivered to the load (line and matching resistors) from the power consumption given
in the specifications. The power consumption provided above does not account for loading due to the
hybrid which will vary with application.
With +/-14V supplies, the maximum output swing, VOUTMAX, is at least 40VPPDIFF over process, temperature
and a 5% supply tolerance. This is sufficient for full-power FDM signals with a PAR of 6.45. Note that
when using +/-14V supplies with a 5% tolerance the worst-case spurious free dynamic range in the
receiving band, and intermodulation distortion may be degraded slightly from the values given in the
specifications below. When using 14V nominal supplies the maximum degradation expected when the +/-
14V supplies are 5% low (minimum +/-13.3V) versus +/-15V supplies 5% low (minimum +/-14.25V) is less
than 4dB worse case.
All other minimum and maximum specifications in the tables that follow are valid from +/-13.3 to +/-15.75V
on VSS15/VDD15. This allows the use of +/-14V supplies with a 5% tolerance for VSS15/VDD15.
Lower PAR (peak-to-average ratio) values allow the high voltage supplies (VSS15 and VDD15) to be
reduced further, thus reducing power consumption. For example, for a 5.3 PAR VSS15/VDD15 can be
reduced to +/-12V. This will reduce power consumption to about 600mW for full-rate, 19.8dBm ADSL
FDM (non-overlapped) transmissions. Contact Tripath regarding use of the TLD4012 below +/-13.3V.
The recommended values for the line-matching resistors, RS, and the recommended transformer turns
ratios to properly match the line are (see Figure 1 in “Test/Application” section below):
RS = 10Ω
N = 1:1.4
The 2.55 synthesis factor of the TLD4012 and the values above for RS and N will result in a match to the
100
Ω line impedance. The synthesis factor, k, is defined as the factor by which the line driver multiplies the
line-matching resistor, RS.
If your application can take advantage of higher synthesis factors, contact Tripath regarding options that
can reduce power consumption still further.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com