Electronic Components Datasheet Search
  English  ▼

X  

TLD4012 Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TLD4012 Datasheet HTML 2Page - Tripath Technology Inc. TLD4012 Datasheet HTML 3Page - Tripath Technology Inc. TLD4012 Datasheet HTML 4Page - Tripath Technology Inc. TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. TLD4012 Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
6
TLD4012 – JB/Rev. 2.0a/05.02
PIN DESCRIPTION
PIN
PIN NA ME
PIN
FUNCTION
PIN DESCRIPTION
1
EN_AC
Digital input
A logic high enables the input common-mode feedback loop,
and input bias current cancellation circuit
2
GND
Ground
Device Ground
3
INP
Analog input
Positive terminal of differential input
4
INN
Analog input
Negative terminal of differential input
5
GND
Ground
Device Ground
6
G0
Digital input
Least Significant Bit of programmable gain select
7
G1
Digital input
Second Least Significant Bit of programmable gain select
8
G2
Digital input
Third Least Significant Bit of programmable gain select
9
G3
Digital input
Most Significant Bit of programmable gain select
10
NC
No Connect
11
FAULT
Digital output
(open drain)
A logic level high indicates that the device has an output short
circuit or that a thermal overload has occurred
12
FORC_BIAS
Digital input
When set to a logic high, the device forces the bias on
regardless of fault conditions Intended for test only
13
TH_FAULT
Analog input
When set to a logic high, the device simulates a thermal fault.
Intended for test only
14
RESETB
Digital input
When AUTO_CLR is set to a logic low, a logic low pulse on
RESETB clears the internal Fault latch; otherwise, connect
RESETB to VDD5; Logic low puts device in disabled mode
15
LOPWR
Digital input
When set to logic high, the device goes into low-power mode
16
VSS5
Power supply
Negative 5V supply voltage
17
NC
No Connect
18
OUTN
Analog output
Negative terminal of differential output
19
NC
No Connect
20
VSS15
Power supply
Negative 15V supply voltage
21
VDD15
Power supply
Positive 15V supply voltage
22
NC
No Connect
23
OUTP
Analog output
Positive terminal of differential output
24
NC
No Connect
25
VDD5
Power supply
Positive 5V supply voltage
26
NC
No Connect
27
REXT
Analog input
Sets over-current limit
28
GND
Ground
Device Ground
29
FBN
Analog input
Feedback path for synthesized output impedance
30
FBP
Analog input
Feedback path for synthesized output impedance
31
AUTO_CLR
Digital input
A logic high forces an immediate reset of the fault latch when
RESETB is a logic high. A logic low requires that the RESETB
pin be pulsed low to reset the fault latch
32
NC
No Connect
EP
Exposed pad
Substrate
Exposed pad at underside of device; must be connected to
VSS15. Internally connected to the substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com