Electronic Components Datasheet Search
  English  ▼

X  

TLD4012 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. TLD4012 Datasheet HTML 10Page - Tripath Technology Inc. TLD4012 Datasheet HTML 11Page - Tripath Technology Inc. TLD4012 Datasheet HTML 12Page - Tripath Technology Inc. TLD4012 Datasheet HTML 13Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
9
TLD4012 – JB/Rev. 2.0a/05.02
Over-temperature Protection
An over-temperature fault occurs if the junction temperature of the device exceeds approximately 160
°C.
When a fault occurs the TLD4012 output driver enters the disabled mode, and asserts a logic HIGH on the
FAULT pin. An over-temperature fault can only be cleared after the junction temperature drops below
approximately 120
°C.
Over-current Protection
An over-current fault occurs when current delivered from either of the output pins, OUTP or OUTN,
exceeds the current limit value. When a fault occurs, the TLD4012’s output driver enters disabled mode,
and asserts a logic HIGH on the FAULT pin. The level at which the current limit occurs is set by REXT.
The relationship between the over-current limit and REXT is:
REXT = 19.2 / ICL , where ICL is the short circuit current limit in A, and REXT is in kΩ.
The acceptable range of REXT is 19.2 kΩ to 32 kΩ, or 1.0 A to 600 mA, respectively. A typical value for
REXT in most ADSL applications is 24kΩ which results in an 800mA current limit.
If the device is operated with AUTO_CLR set to a logic high level, and an over-current condition occurs,
the device will cycle between the fault state and normal state as described in the “Protection Circuits”
section above.
If the cycling mode described above is not desirable, the over-current limit can be set to 1.0 A, (i.e. REXT =
19.2 k
Ω). With this current limit value, the device will not enter the cycling mode if a short occurs on the
twisted pair because the matching resistors, RS, will limit the current to less than 1.0A. The over-
temperature protection will eventually act to protect the device, and in the event of a short on the board,
the over-current protection will still take affect to protect the device.
Low-Power Mode
The TLD4012 can be placed into a low-power consumption mode by asserting a logic HIGH on the
LOPWR input. In this mode the device consumes approximately 130 mW, but still provides a low output
resistance to allow reception of incoming signals.
D i sable Mode
The TLD4012 can be placed in a lower power disabled mode by holding RESETB to a logic low level. In
this mode the power dissipation is only 10 mW, and the line is not terminated so reception of incoming
signals is not reliable. In this mode the outputs are high impedance as long as they are not driven
externally more than about +/-2.0Vppdiff around ground. Beyond this voltage the outputs become low
impedance.
Upon power-up the TLD4012 does not exit disabled mode until the VDD5/VSS5 power supply pins are
greater than about 4.2V. It will automatically enter disabled mode when the VDD5/VSS5 supply pins are
less than about 4.0V.
Input C o mmon-mode Feedback Loop and Input-B i as-C urrent C a ncellation
The TLD4012 has a common-mode feedback loop on the input stage and an input-bias-current
cancellation circuit. Setting the EN_AC input to a logic high level enables both features. When enabled
the common-mode feedback loop will set the common-mode input voltage. This allows use of a
differential filter (i.e. not referenced to ground) between the AFE and the driver. When the common-mode
feedback loop is disabled (EN_AC = Low) the application should replace the single input resistor, RIN,
shown in Figure 1 with two input resistors connected from the inputs, INN and INP, to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com