Electronic Components Datasheet Search
  English  ▼

X  

TLD4012 Datasheet(PDF) 8 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 8 Page - Tripath Technology Inc.

Back Button TLD4012 Datasheet HTML 4Page - Tripath Technology Inc. TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. TLD4012 Datasheet HTML 10Page - Tripath Technology Inc. TLD4012 Datasheet HTML 11Page - Tripath Technology Inc. TLD4012 Datasheet HTML 12Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
8
TLD4012 – JB/Rev. 2.0a/05.02
FUNCTIONAL DESCRIPTION
Programmable Gain
The gain of the TLD4012 is programmed by the digital inputs G3, G2, G1 and G0. The gain given below is
the gain from the input to the output of the TLD4012 with RS=10Ω and RLOAD=50Ω as shown in Figure 1.
Note that output voltage swing is limited for gains less than 17.8 dB (see parameter VOUTMAX in Electrical
Characteristics).
Protection C i rcuits
The TLD4012 has built-in protection against over-temperature and over-current conditions. There are two
modes in which the fault protection circuits can operate depending on the state of the AUTO_CLR pin.
The two modes operate as follows:
1. AUTO_CLR pin is set to a logic low level - When the device goes into an over-temperature or over-
current condition, the FAULT pin is latched into a logic HIGH state indicating a fault condition. When
this occurs, the amplifier outputs enter disable mode and are in a high-impedance state provided
OUTP and OUTN are not driven externally to exceed approximately +/-2.0Vppdiff. After the fault
condition has been removed, a logic LOW pulse must be applied to the RESETB pin for a minimum of
100 ns to reset the FAULT output to a logic low level, and re-enable the output to a normal, low
impedance mode.
2. AUTO_CLR pin is set to a logic high level - After a fault occurs and the fault condition is removed, the
device will enable the outputs, and reset the FAULT pin every 1 micro-second. In this mode the fault
latch is reset internally on power up so an external reset is not required. Note that in the case of an
over-current fault, if the cause of the over-current condition has not actually cleared, the output stage
will cycle continuously between the normal, enabled state, and the fault, or disabled state. In this
mode the FAULT output pin can cycle continuously until the cause of the fault is cleared. If this
operation is not desirable, see the “Over-current Protection” section below. If a microcontroller or DMT
processor is used to monitor the FAULT output, and to control the device, AUTO_CLR should be set
to a logic low level. Otherwise, AUTO_CLR should be set to a logic high level and the device will reset
itself on power-up and after a fault condition has been removed.
G3 G2 G1 G0 Gain, dB Gain, V/V
0
0
0
0
12.8
4.37
0
0
0
1
13.8
4.90
0
0
1
0
14.8
5.50
0
0
1
1
15.8
6.17
0
1
0
0
16.8
6.92
0
1
0
1
17.8
7.76
0
1
1
0
18.8
8.71
0
1
1
1
19.8
9.77
1
0
0
0
20.8
10.96
1
0
0
1
21.8
12.30
1
0
1
0
22.8
13.80
1
0
1
1
23.8
15.49
1
1
0
0
24.8
17.38
1
1
0
1
25.8
19.50
1
1
1
0
26.8
21.88
1
1
1
1
27.8
24.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com