Electronic Components Datasheet Search
  English  ▼

X  

HT48C30 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT48C30
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C30 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT48C30 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
Mnemonic
Description
Flag Affected
Instruction
Cycle
Miscellaneous
NOP
CLR [m]
SET [m]
CLR WDT
CLR WDT1
CLR WDT2
SWAP [m]
SWAPA [m]
HALT
No operation
Clear data memory
Set data memory
Clear Watchdog timer
Pre-clear Watchdog timer
Pre-clear Watchdog timer
Swap nibbles of data memory
Swap nibbles of data memory with result in ACC
Enter power down mode
None
None
None
TO,PD
TO*,PD*
TO*,PD*
None
None
TO,PD
1
1
(1)
1
(1)
1
1
1
1
(1)
1
1
Notes: x: 8-bit immediate data
m: 7-bit data memory address for HT48C10/HT48C30
m: 8-bit data memory address for HT48C50/HT48C70
A: Accumulator
i: 0~7 number of bits
A: Accumulator
i: 0~7 number of bits
addr: Program memory address
√: Flag(s) is affected
–: Flag(s) is not affected
*: Flag(s) may be affected by the execution status
(1): If a loading to PCL register occurs, the execution cycle of the instructions will be delayed
one more cycle (4 system clocks).
(2): If a skip to next instruction occurs, the execution cycle of instructions will be delayed one
more cycle (4 system clocks). Otherwise the original execution cycles remain unchanged.
(3) : (1) or (2)
HT48CXX/HT48RXX
31
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com