Electronic Components Datasheet Search
  English  ▼

X  

HT48C30 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT48C30
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C30 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT48C30 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
SNZ [m].i
Skip if bit “i” of the data memory is not zero
Description
If bit “i” of the specified data memory is not zero, the next instruction is
skipped. If bit “i” of the data memory is not zero, the following instruction,
fetched during the current instruction execution, is discarded and a dummy
cycle is replaced to get the proper instruction (two cycles). Otherwise proceed
with the next instruction (one cycle).
Operation
Skip if [m].i
≠0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
SUB A,[m]
Subtract data memory from the accumulator
Description
The specified data memory is subtracted from the contents of the accumula-
tor, leaving the result in the accumulator.
Operation
ACC
← ACC+[m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
SUBM A,[m]
Subtract data memory from the accumulator
Description
The specified data memory is subtracted from the contents of the accumula-
tor, leaving the result in the data memory.
Operation
[m]
← ACC+[m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
SUB A,x
Subtract immediate data from the accumulator
Description
The immediate data specified by the code is subtracted from the contents of
the accumulator, leaving the result in the accumulator.
Operation
ACC
← ACC+x+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
HT48CXX/HT48RXX
45
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com