Electronic Components Datasheet Search
  English  ▼

X  

HT48C30 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT48C30
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C30 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT48C30 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
ADDM A,[m]
Add the accumulator to the data memory
Description
The contents of the specified data memory and the accumulator are added.
The result is stored in the data memory.
Operation
[m]
← ACC+[m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
AND A,[m]
Logical AND accumulator with data memory
Description
Data in the accumulator and the specified data memory perform a bitwise
logical_AND operation. The result is stored in the accumulator.
Operation
ACC
← ACC “AND” [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
AND A,x
Logical AND immediate data to the accumulator
Description
Data in the accumulator and the specified data perform a bitwise logi-
cal_AND operation. The result is stored in the accumulator.
Operation
ACC
← ACC “AND” x
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
ANDM A,[m]
Logical AND data memory with the accumulator
Description
Data in the specified data memory and the accumulator perform a bitwise
logical_AND operation. The result is stored in the data memory.
Operation
[m]
← ACC “AND” [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
HT48CXX/HT48RXX
33
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com