Electronic Components Datasheet Search
  English  ▼

X  

HT48C30 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT48C30
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C30 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT48C30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
CALL addr
Subroutine call
Description
The instruction unconditionally calls a subroutine located at the indicated
address. The program counter increments once to obtain the address of the
next instruction, and pushes this onto the stack. The indicated address is
then loaded. Program execution continues with the instruction at this ad-
dress.
Operation
Stack
← PC+1
PC
← addr
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
CLR [m]
Clear data memory
Description
The contents of the specified data memory are cleared to zero.
Operation
[m]
← 00H
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
CLR [m].i
Clear bit of data memory
Description
The bit i of the specified data memory is cleared to zero.
Operation
[m].i
← 0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
CLR WDT
Clear watchdog timer
Description
The WDT and the WDT Prescaler are cleared (re-counting from zero). The
power down bit (PD) and time-out bit (TO) are cleared.
Operation
WDT and WDT Prescaler
← 00H
PD and TO
← 0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
0
0–
–––
HT48CXX/HT48RXX
34
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com