Electronic Components Datasheet Search
  English  ▼

X  

HT48C30 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT48C30
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C30 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT48C30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
CLR WDT1
Preclear watchdog timer
Description
The TD, PD flags, WDT and the WDT Prescaler has cleared (re-counting from
zero), if the other preclear WDT instruction has been executed. Only execu-
tion of this instruction without the other preclear instruction sets the indi-
cated flag which implies that this instruction has been executed and the TO
and PD flags remain unchanged.
Operation
WDT and WDT Prescaler
← 00H*
PD and TO
← 0*
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
0*
0*
–
–––
CLR WDT2
Preclear watchdog timer
Description
The TO, PD flags, WDT and the WDT Prescaler are cleared (re-counting from
zero), if the other preclear WDT instruction has been executed. Only execu-
tion of this instruction without the other preclear instruction sets the indi-
cated flag which implies that this instruction has been executed and the TO
and PD flags remain unchanged.
Operation
WDT and WDT Prescaler
← 00H*
PD and TO
← 0*
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
0*
0*
–
–––
CPL [m]
Complement data memory
Description
Each bit of the specified data memory is logically complemented (1’s comple-
ment). Bits which previously contained a one are changed to zero and
vice-versa.
Operation
[m]
← [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
HT48CXX/HT48RXX
35
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com