Electronic Components Datasheet Search
  English  ▼

X  

HT48C30 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT48C30
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C30 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT48C30 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48C30 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
SET [m]
Set data memory
Description
Each bit of the specified data memory is set to one.
Operation
[m]
← FFH
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
SET [m].i
Set bit of data memory
Description
Bit “i” of the specified data memory is set to one.
Operation
[m].i
← 1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
SIZ [m]
Skip if increment data memory is zero
Description
The contents of the specified data memory are incremented by one. If the
result is zero, the following instruction, fetched during the current instruc-
tion execution, is discarded and a dummy cycle is replaced to get the proper
instruction (two cycles). Otherwise proceed with the next instruction (one
cycle).
Operation
Skip if ([m]+1)=0, [m]
← ([m]+1)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
SIZA [m]
Increment data memory and place result in ACC, skip if zero
Description
The contents of the specified data memory are incremented by one. If the
result is zero, the next instruction is skipped and the result is stored in the
accumulator. The data memory remains unchanged. If the result is zero, the
following instruction, fetched during the current instruction execution, is
discarded and a dummy cycle is replaced to get the proper instruction (two
cycles). Otherwise proceed with the next instruction (one cycle).
Operation
Skip if ([m]+1)=0, ACC
← ([m]+1)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
HT48CXX/HT48RXX
44
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com