Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 3Page - Texas Instruments CC2500 Datasheet HTML 4Page - Texas Instruments CC2500 Datasheet HTML 5Page - Texas Instruments CC2500 Datasheet HTML 6Page - Texas Instruments CC2500 Datasheet HTML 7Page - Texas Instruments CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments CC2500 Datasheet HTML 10Page - Texas Instruments CC2500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
CC2500
Preliminary Data Sheet (rev.1.1.)
SWRS040
Page 7 of 77
4
Electrical Specifications
4.1
Current Consumption
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurements were performed using the CC2500EM reference design.
Parameter
Min
Typ
Max
Unit
Condition
400
nA
Voltage regulator to digital part off, register values retained
(SLEEP state)
900
nA
Voltage regulator to digital part off, register values retained, low-
power RC oscillator running (SLEEP state with WOR enabled)
92
µA
Voltage regulator to digital part off, register values retained,
XOSC running (SLEEP state with MCSM0.OSC_FORCE_ON set)
Current consumption in
power down modes
157
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
1.4
µA
Automatic RX polling once each second, using low-power RC
oscillator, with 460 kHz filter bandwidth and 250 kbps data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level.
17
µA
Same as above, but with signal in channel above carrier sense
level, 1.9 ms RX timeout, and no preamble/sync word found.
0.9
µA
Automatic RX polling every 15
th second, using low-power RC
oscillator, with 460 kHz filter bandwidth and 250 kbps data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level.
37
µA
Same as above, but with signal in channel above carrier sense
level, 14 ms RX timeout, and no preamble/sync word found.
1.5
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
7.4
mA
Only the frequency synthesizer running (after going from IDLE
until reaching RX or TX states, and frequency calibration states)
15.3
mA
Receive mode, 2.4 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 1
12.8
mA
Receive mode, 2.4 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 1
15.4
mA
Receive mode, 10 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 1
12.9
mA
Receive mode, 10 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 1
18.8
mA
Receive mode, 250 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 0
15.7
mA
Receive mode, 250 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 0
16.6
mA
Receive mode, 250 kbps reduced current, input at sensitivity
limit, MDMCFG2.DEM_DCFILT_OFF = 1
13.3
mA
Receive mode, 250 kbps reduced current, input 30 dB above
sensitivity limit, MDMCFG2.DEM_DCFILT_OFF = 1
19.6
mA
Receive mode, 500 kbps, input at sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 0
Current consumption,
RX states
17.0
mA
Receive mode, 500 kbps, input 30 dB above sensitivity limit,
MDMCFG2.DEM_DCFILT_OFF = 0
11.1
mA
Transmit mode, –12 dBm output power
Current consumption,
TX states
15.1
mA
Transmit mode, -6 dBm output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com